Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5321 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5321
Description  24-bit, Variable-bandwidth A/D Converter Chipset
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5321_06 Datasheet HTML 3Page - Cirrus Logic CS5321_06 Datasheet HTML 4Page - Cirrus Logic CS5321_06 Datasheet HTML 5Page - Cirrus Logic CS5321_06 Datasheet HTML 6Page - Cirrus Logic CS5321_06 Datasheet HTML 7Page - Cirrus Logic CS5321_06 Datasheet HTML 8Page - Cirrus Logic CS5321_06 Datasheet HTML 9Page - Cirrus Logic CS5321_06 Datasheet HTML 10Page - Cirrus Logic CS5321_06 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CS5321/22
DS454F3
7
CS5321 DIGITAL CHARACTERISTICS (T
A = (See Note 1); Vdd1 = Vdd2 = 5.0 V ± 5%; GND =
0 V; measurements performed under static conditions)
Notes: 18. Device is intended to be driven with CMOS logic levels.
19. Device is intended to be interfaced to CMOS logic. Resistive loads are not recommended on these pins.
CS5321 RECOMMENDED OPERATION CONDITIONS (Voltages with respect to GND =
0 V, See Note 20)
Notes: 20. The maximum voltage differential between the Positive Supply of the CS5321 and the Positive Digital
Supply of the CS5322 must be less than 0.25 V.
CS5321 ABSOLUTE MAXIMUM RATINGS * (Voltages with respect to GND = 0 V)
Notes: 21. Transient currents of up to 100 mA will not cause SCR latch up.
*WARNING: Operation beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Drive Voltage
(Note 18)
VIH
(Vdd)-0.6
-
-
V
Low-Level Input Drive Voltage
(Note 18)
VIL
--
1.0
V
High-Level Output Voltage IOUT = -40 µA
(Note 19)
VOH
(Vdd)-0.3
-
-
V
Low-Level Output Voltage IOUT = +40 µA
(Note 19)
VOL
--
0.3
V
Input Leakage Current
ILKG
--
±10
µA
Digital Input Capacitance
CIN
-9
-
pF
Digital Output Capacitance
COUT
-9
-
pF
Parameter
Symbol
Min
Typ
Max
Units
DC Supply:
Positive
Negative
Vdd1,Vdd2
Vss1,Vss2
4.75
-4.75
5.0
-5.0
5.25
-5.25
V
V
Ambient Operating Temperature
-BL
TA
-55
-
+85
°C
Parameter
Symbol
Min
Max
Units
DC Supply:
Positive
Negative
Vdd1,Vdd2
Vss1,Vss2
-0.3
+0.3
6.0
-6.0
V
V
Input Current, Any Pin Except Supplies
(Note 21)
Iin
-±10
mA
Output Current
Iout
-25
mA
Total Power (all supplies and outputs)
Pt
-1
W
Digital Input Voltage
VIND
-0.3
(Vdd)+0.3
V
Storage Temperature
Tstg
-65
150
°C


Similar Part No. - CS5321_06

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5321-BL CIRRUS-CS5321-BL Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5321-BL CIRRUS-CS5321-BL Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
CS5321-BL1 CIRRUS-CS5321-BL1 Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5321-BLZ CIRRUS-CS5321-BLZ Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
CS5321-KL1 CIRRUS-CS5321-KL1 Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
More results

Similar Description - CS5321_06

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5320 CIRRUS-CS5320 Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5321 CIRRUS-CS5321 Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
   24-Bit Stereo Audio D/A Converter
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Burr-Brown (TI)
ADS1271 BURR-BROWN-ADS1271 Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1271 TI1-ADS1271_14 Datasheet
794Kb / 39P
[Old version datasheet]   24-bit, Wide Bandwidth Analog-to-Digital Converter
logo
Cirrus Logic
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com