Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5330A-KS Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5330A-KS
Description  8-Pin, Stereo A/D Converter for Digital Audio
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5330A-KS Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5330A-KS Datasheet HTML 4Page - Cirrus Logic CS5330A-KS Datasheet HTML 5Page - Cirrus Logic CS5330A-KS Datasheet HTML 6Page - Cirrus Logic CS5330A-KS Datasheet HTML 7Page - Cirrus Logic CS5330A-KS Datasheet HTML 8Page - Cirrus Logic CS5330A-KS Datasheet HTML 9Page - Cirrus Logic CS5330A-KS Datasheet HTML 10Page - Cirrus Logic CS5330A-KS Datasheet HTML 11Page - Cirrus Logic CS5330A-KS Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
DS138F5
CS5330A/31A
SCLK output
SDATA
t sdo
LRCK output
t mslr
SCLK to SDATA LRCK - MASTER mode (CS5330A)
SCLK output
tmslr
SDATA
tsdo
LRCK output
SCLK to SDATA LRCK - MASTER mode (CS5331A)
SDATA
SCLK input
(SLAVE mode)
(SLAVE mode)
LRCK input
sclkh
t
dss
t
MSB
MSB-1
sclkl
t
slr1
t
slr2
t
t
sclkw
SCLK to LRCK & SDATA - SLAVE mode (CS5331A)
SDATA
SCLK input
(SLAVE mode)
(SLAVE mode)
LRCK input
sclkh
t
dss
t
MSB
MSB-1
MSB-2
lrdss
t
sclkl
t
slr1
t
slr2
t
t
sclkw
SCLK to LRCK & SDATA - SLAVE mode (CS5330A)
Analog
Input
Circuits
10
µF
VA+
AGND
+5V
Analog
AINL
AINR
+
0.1
µF
CS5330A
CS5331A
LRCK
MCLK
SCLK
150
SDATA
47 k
*
*
**
8
5
7
4
2
3
1
6
.01
µF
150
**
.01
µF
1 k
1 k
1 k
1 k
**
.47
µF
.47
µF
Required for Master mode only
Optional if analog input circuits biased
to within ± 5% of CS5330A/CS5331A
nominal input bias voltage
Audio Data
Processor
Timing
Logic
&
Clock
Figure 1. Typical Connection Diagram


Similar Part No. - CS5330A-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5330A-KS CIRRUS-CS5330A-KS Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
More results

Similar Description - CS5330A-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
CS4330 CIRRUS-CS4330 Datasheet
1Mb / 38P
   8 Pin Stereo D/A Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
   8-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
   24-Bit Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com