Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5345-DQZR Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5345-DQZR
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345-DQZR Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5345-DQZR Datasheet HTML 6Page - Cirrus Logic CS5345-DQZR Datasheet HTML 7Page - Cirrus Logic CS5345-DQZR Datasheet HTML 8Page - Cirrus Logic CS5345-DQZR Datasheet HTML 9Page - Cirrus Logic CS5345-DQZR Datasheet HTML 10Page - Cirrus Logic CS5345-DQZR Datasheet HTML 11Page - Cirrus Logic CS5345-DQZR Datasheet HTML 12Page - Cirrus Logic CS5345-DQZR Datasheet HTML 13Page - Cirrus Logic CS5345-DQZR Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
DS658F2
CS5345
ADC ANALOG CHARACTERISTICS
(Continued)
5. Referred to the typical line-level full-scale input voltage
6. Valid for Double- and Quad-Speed Modes only.
7. Valid when the microphone-level inputs are selected.
Microphone-Level Inputs
Parameter
Symbol
Commercial Grade
Automotive Grade
Unit
Min
Typ
Max
Min
Typ
Max
Dynamic Performance for VA = 4.75 V to 5.25 V
Dynamic Range
PGA Setting: -12 dB to 0 dB
A-weighted
unweighted
PGA Setting: +12 dB
A-weighted
unweighted
77
74
65
62
83
80
71
68
-
-
-
-
75
72
63
60
83
80
71
68
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 5)
PGA Setting: -12 dB to 0 dB
-1 dB
-20 dB
-60 dB
PGA Setting: +12 dB
-1 dB
THD+N
-
-
-
-
-80
-60
-20
-68
-74
-
-
-
-
-
-
-
-80
-60
-20
-68
-72
-
-
-
dB
dB
dB
dB
Dynamic Performance for VA = 3.13 V to 3.46 V
Dynamic Range
PGA Setting: -12 dB to 0 dB
A-weighted
unweighted
PGA Setting: +12 dB
A-weighted
unweighted
77
74
65
62
83
80
71
68
-
-
-
-
75
72
63
60
83
80
71
68
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 5)
PGA Setting: -12 dB to 0 dB
-1 dB
-20 dB
-60 dB
PGA Setting: +12 dB
-1 dB
THD+N
-
-
-
-
-80
-60
-20
-68
-74
-
-
-
-
-
-
-
-80
-60
-20
-68
-72
-
-
-
dB
dB
dB
dB
Interchannel Isolation
-
80
-
-
80
-
dB
DC Accuracy
Gain Error
-
±5
--
±5
-%
Gain Drift
-
±300
-
-
±300
-
ppm/°C
Microphone-Level Input Characteristics
Full-scale Input Voltage
0.013*VA 0.017*VA 0.021*VA 0.013*VA 0.017*VA 0.021*VA
Vpp
Input Impedance
(Note 7)
-60-
-60-
k
Ω


Similar Part No. - CS5345-DQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5345-COZ CIRRUS-CS5345-COZ Datasheet
697Kb / 39P
   105 DB 24BIT 192 KHZ STEREO AUDIO ADC
More results

Similar Description - CS5345-DQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345 Datasheet
697Kb / 39P
   105 DB 24BIT 192 KHZ STEREO AUDIO ADC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com