Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM200DU-34KA Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM200DU-34KA
Description  HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM200DU-34KA Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM200DU-34KA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM200DU-34KA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM200DU-34KA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM200DU-34KA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sep. 2001
ICES
IGES
Cies
Coes
Cres
QG
td(on)
tr
td(off)
tf
trr (Note 1)
Qrr (Note 1)
VEC(Note 1)
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
Rth(j-c’)Q
Gate-emitter threshold voltage
Collector-emitter saturation voltage
Thermal resistance*1
VCE = VCES, VGE = 0V
VGE = VGES, VCE = 0V
Tj = 25
°C
Tj = 125
°C
VCC = 1000V, IC = 200A, VGE = 15V
VCC = 1000V, IC = 200A
VGE1 = VGE2 = 15V
RG = 1.6
Ω, Inductive load switching operation
IE = 200A
IE = 200A, VGE = 0V, Tj = 25
°C
IE = 200A, VGE = 0V, Tj = 125
°C
IGBT part (1/2 module)
FWDi part (1/2 module)
Case to fin, Thermal compound applied*2 (1/2 module)
Tc measured point is just under the chips
IC = 20mA, VCE = 10V
IC = 200A, VGE = 15V
VCE = 10V
VGE = 0V
1700
±20
200
400
200
400
1100
–40 ~ +150
–40 ~ +125
3500
3.5 ~ 4.5
3.5 ~ 4.5
580
MITSUBISHI IGBT MODULES
CM200DU-34KA
HIGH POWER SWITCHING USE
V
V
W
°C
°C
V
N • m
N • m
g
A
A
1
0.5
4.0
29
4.8
1.5
600
200
700
800
600
4.6
0.11
0.18
0.05✽3
mA
µA
nF
nC
µC
V
V
°C/W
3.2
3.8
900
9.6
2.2
0.02
5.5
V
V
ns
47
ns
Collector cutoff current
Gate leakage current
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Reverse recovery time
Reverse recovery charge
Emitter-collector voltage
Contact thermal resistance
Thermal resistance
Symbol
Parameter
VGE(th)
VCE(sat)
Note 1. IE, VEC, trr, Qrr, die/dt represent characteristics of the anti-parallel, emitter to collector free-wheel diode. (FWDi).
2. Pulse width and repetition rate should be such that the device junction temp. (Tj) does not exceed Tjmax rating.
3. Junction temperature (Tj) should not increase beyond 150
°C.
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
*1 : Tc measured point is indicated in OUTLINE DRAWING.
*2 : Typical value is measured by using Shin-etsu Silicone “G-746”.
*3 : If you use this value, Rth(f-a) should be measured just under the chips.
Collector-emitter voltage
Gate-emitter voltage
Maximum collector dissipation
Junction temperature
Storage temperature
Isolation voltage
Weight
G-E Short
C-E Short
TC = 25
°C
Pulse
(Note 2)
TC = 25
°C
Pulse
(Note 2)
TC = 25
°C
Main terminal to base plate, AC 1 min.
Main Terminal M6
Mounting holes M6
Typical value
Symbol
Parameter
Collector current
Emitter current
Torque strength
Conditions
Unit
Ratings
VCES
VGES
IC
ICM
IE (Note 1)
IEM (Note 1)
PC (Note 3)
Tj
Tstg
Viso
Unit
Typ.
Limits
Min.
Max.
MAXIMUM RATINGS (Tj = 25
°C)
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
Test conditions


Similar Part No. - CM200DU-34KA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM200DU-34KA POWEREX-CM200DU-34KA Datasheet
576Kb / 4P
   Dual IGBTMOD KA-Series Module 200 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM200DU-34KA MITSUBISHI-CM200DU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM200DU-34KA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24NFH MITSUBISHI-CM200DU-24NFH Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
CM400DY-24NF MITSUBISHI-CM400DY-24NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA Datasheet
88Kb / 4P
   HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA Datasheet
80Kb / 4P
   HIGH POWER SWITCHING USE
CM75DY-34A MITSUBISHI-CM75DY-34A Datasheet
111Kb / 5P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM600HU-24F MITSUBISHI-CM600HU-24F Datasheet
67Kb / 4P
   HIGH POWER SWITCHING USE
CM150DU-24F MITSUBISHI-CM150DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com