Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS889872AK Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS889872AK
Description  DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS889872AK Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS889872AK Datasheet HTML 6Page - Integrated Device Technology ICS889872AK Datasheet HTML 7Page - Integrated Device Technology ICS889872AK Datasheet HTML 8Page - Integrated Device Technology ICS889872AK Datasheet HTML 9Page - Integrated Device Technology ICS889872AK Datasheet HTML 10Page - Integrated Device Technology ICS889872AK Datasheet HTML 11Page - Integrated Device Technology ICS889872AK Datasheet HTML 12Page - Integrated Device Technology ICS889872AK Datasheet HTML 13Page - Integrated Device Technology ICS889872AK Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ICS889872
DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
PRELIMINARY
IDT™ / ICS™ LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
10
ICS889872AK REV. A AUGUST 22, 2007
2.5V LVDS Driver Termination
Figure 5 shows a typical termination for LVDS driver in
characteristic impedance of 100
Ω differential (50Ω single)
transmission line environment. For buffer with multiple LDVS driver,
it is recommended to terminate the unused outputs.
Figure 5. Typical LVDS Driver Termination
2.5V
LVDS Driver
R1
100
+
2.5V
50
50
100
Ω Differential Transmission Line


Similar Part No. - ICS889872AK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS889874 ICST-ICS889874 Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
ICS889874AK ICST-ICS889874AK Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
ICS889874AKT ICST-ICS889874AKT Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
More results

Similar Description - ICS889872AK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
IDT8S89873I RENESAS-IDT8S89873I Datasheet
569Kb / 16P
   Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
IDT8S89872I RENESAS-IDT8S89872I Datasheet
578Kb / 17P
   Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
logo
Integrated Device Techn...
8S89833 IDT-8S89833 Datasheet
322Kb / 17P
   Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
logo
Renesas Technology Corp
8S89833 RENESAS-8S89833 Datasheet
666Kb / 16P
   Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
September 22, 2017
logo
Integrated Device Techn...
8S89875I IDT-8S89875I Datasheet
354Kb / 16P
   Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
logo
Micrel Semiconductor
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
logo
Integrated Device Techn...
8S89876I IDT-8S89876I Datasheet
335Kb / 15P
   Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
logo
Renesas Technology Corp
ICS854S1208I RENESAS-ICS854S1208I Datasheet
1Mb / 20P
   Differential-to-LVDS Fanout Buffer w/Divider and Glitchless Switch
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com