Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9FG107YFLFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9FG107YFLFT
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG107YFLFT Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9FG107YFLFT Datasheet HTML 1Page - Integrated Device Technology ICS9FG107YFLFT Datasheet HTML 2Page - Integrated Device Technology ICS9FG107YFLFT Datasheet HTML 3Page - Integrated Device Technology ICS9FG107YFLFT Datasheet HTML 4Page - Integrated Device Technology ICS9FG107YFLFT Datasheet HTML 5Page - Integrated Device Technology ICS9FG107YFLFT Datasheet HTML 6Page - Integrated Device Technology ICS9FG107YFLFT Datasheet HTML 7Page - Integrated Device Technology ICS9FG107YFLFT Datasheet HTML 8Page - Integrated Device Technology ICS9FG107YFLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IDTTM/ICSTM Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
ICS9FG107
REV F 08/21/07
ICS9FG107
Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
3
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
PWR
Ground pin.
5
FS2/REFOUT*
I/O
Frequency select latch input pin / Reference clock output
6
GND
PWR
Ground pin.
7
FS0/PCICLK_F*
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
8
PCICLK0
OUT
PCI clock output.
9
PCICLK1
OUT
PCI clock output.
10
VDD
PWR
Power supply, nominal 3.3V
11
OE_6**
IN
Active high input for enabling output 6.
0 = tri-state outputs, 1= enable outputs
12
DIF_6
OUT
0.7V differential true clock output
13
DIF_6#
OUT
0.7V differential complement clock output
14
VDD
PWR
Power supply, nominal 3.3V
15
GND
PWR
Ground pin.
16
OE_5**
IN
Active high input for enabling output 5.
0 = tri-state outputs, 1= enable outputs
17
DIF_5
OUT
0.7V differential true clock output
18
DIF_5#
OUT
0.7V differential complement clock output
19
VDD
PWR
Power supply, nominal 3.3V
20
DIF_4
OUT
0.7V differential true clock output
21
DIF_4#
OUT
0.7V differential complement clock output
22
OE_4*
IN
Active high input for enabling output 4.
0 = tri-state outputs, 1= enable outputs
23
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
24
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.


Similar Part No. - ICS9FG107YFLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG107YFLFT ICST-ICS9FG107YFLFT Datasheet
108Kb / 14P
   Programmable FTG for Differential CPU, PCI Express & SATA Clocks
logo
Renesas Technology Corp
ICS9FG107YFLFT RENESAS-ICS9FG107YFLFT Datasheet
366Kb / 19P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
More results

Similar Description - ICS9FG107YFLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Renesas Technology Corp
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
logo
Integrated Circuit Syst...
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
   Programmable FTG for Differential CPU, PCI Express & SATA Clocks
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
   Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
ICS9FG110 ICST-ICS9FG110 Datasheet
19Kb / 1P
   Programmable FTG for Differential PCI-Express
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
   Ten 100MHz clocks for PCI Express
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com