Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-39X6 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-39X6
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-39X6 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-39X6 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-39X6 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Electrical Description
Pin Function
Description
RESET (RST)
Sets Control Register bits to logic low. The Dot Register contents are
unaffected by the Reset pin. (logic low = reset; logic high = normal
operation).
DATA IN (DIN)
Serial Data input for Dot or Control Register data. Data is entered on the
rising edge of the Clock input.
DATA OUT (DOUT)
Serial Data output for Dot or Control Register data. This pin is used for
cascading multiple displays.
CLOCK (CLK)
Clock input for writing Dot or Control Register data. When Chip Enable is
logic low, data is entered on the rising Clock edge.
REGISTER SELECT (RS)
Selects Dot Register (RS = logic low) or Control Register (RS = logic high)
as the destination for serial data entry. The logic level of RS is latched on
the falling edge of the Chip Enable input.
CHIP ENABLE (CE)
This input must be a logic low to write data to the display. When CE returns
to logic high and CLK is logic low, data is latched to either the LED output
drivers or a Control Register.
OSCILLATOR SELECT
Selects either an internal or external display oscillator source. (SEL) (logic
low = External Display Oscillator; logic high = Internal Display Oscillator).
OSCILLATOR (OSC)
Output for the Internal Display Oscillator (SEL = logic high) or input for an
External Display Oscillator (SEL = logic low).
BLANK (BL)
Blanks the display when logic high. May be modulated for brightness
control.
GNDLED
Ground for LED drivers.
GNDLOGIC
Ground for logic.
VLED
Positive supply for LED drivers.
VLOGIC
Positive supply for logic.


Similar Part No. - HCMS-39X6

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results

Similar Description - HCMS-39X6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39XX AVAGO-HCMS-39XX Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2919 AVAGO-HCMS-2919 Datasheet
139Kb / 14P
   High Performance CMOS 5x7 AlphaNumeric GaN Blue Display
HCMS-2819 AVAGO-HCMS-2819 Datasheet
212Kb / 12P
   High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com