Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1360 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UDA1360
Description  Low-voltage low-power stereo audio ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1360 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UDA1360 Datasheet HTML 3Page - NXP Semiconductors UDA1360 Datasheet HTML 4Page - NXP Semiconductors UDA1360 Datasheet HTML 5Page - NXP Semiconductors UDA1360 Datasheet HTML 6Page - NXP Semiconductors UDA1360 Datasheet HTML 7Page - NXP Semiconductors UDA1360 Datasheet HTML 8Page - NXP Semiconductors UDA1360 Datasheet HTML 9Page - NXP Semiconductors UDA1360 Datasheet HTML 10Page - NXP Semiconductors UDA1360 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2000 Feb 08
7
Philips Semiconductors
Preliminary specification
Low-voltage low-power stereo audio ADC
UDA1360TS
DC CHARACTERISTICS
VDDD =VDDA =3V; Tamb =25 °C; all voltages referenced to ground (pins 10 and 15); unless otherwise specified.
Note
1. All power supply pins (VDD and VSS) must be connected to the same external power supply unit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA
analog supply voltage
note 1
2.4
3.0
3.6
V
VDDD
digital supply voltage
note 1
2.4
3.0
3.6
V
IDDA
analog supply current
operation mode
9
mA
power-down mode
3.5
mA
IDDD
digital supply current
operation mode
3.5
mA
power-down mode
0.5
mA
Digital inputs
PINS BCK, FSEL, SYSCLK AND WS
VIH
HIGH-level input voltage
0.8VDDD
VDDD + 0.5
V
VIL
LOW-level input voltage
−0.5
0.2VDDD
V
I
LI
input leakage current
−−
10
µA
CI
input capacitance
−−
10
pF
PINS PWON AND SFOR
VIH
HIGH-level input voltage
0.8VDDD
VDDD + 0.5
V
VIM
MIDDLE-level input voltage
0.3VDDD
0.7VDDD
V
VIL
LOW-level input voltage
−0.5
0.2VDDD
V
Digital output; Pin DATAO
VOH
HIGH-level output voltage
IOH = −2 mA
0.85VDDD −−
V
VOL
LOW-level output voltage
IOL =2mA
−−
0.4
V
Analog
Vref
reference voltage
referenced to VSSA
0.45VDDA
0.5VDDA
0.55VDDA
V
RI
input resistance
12
k
CI
input capacitance
20
pF


Similar Part No. - UDA1360

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1361 PHILIPS-UDA1361 Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
More results

Similar Description - UDA1360

ManufacturerPart #DatasheetDescription
logo
Suzhou Everest Semicond...
ES8288 EVEREST-ES8288 Datasheet
433Kb / 25P
   Low Power Stereo Audio ADC
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
logo
Texas Instruments
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power Stereo ADC
logo
Suzhou Everest Semicond...
ES8218E EVEREST-ES8218E Datasheet
678Kb / 12P
   Low Power Audio ADC
logo
Wolfson Microelectronic...
WM8783 WOLFSON-WM8783 Datasheet
270Kb / 17P
   Stereo Low Power 96kHz ADC
logo
Maxim Integrated Produc...
MAX98089 MAXIM-MAX98089 Datasheet
14Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology 93dB DR Stereo ADC
Rev 0; 6/11
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
logo
Wolfson Microelectronic...
WM8739 WOLFSON-WM8739 Datasheet
349Kb / 35P
   STEREO AUDIO ADC
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com