Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1360 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UDA1360
Description  Low-voltage low-power stereo audio ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1360 Datasheet(HTML) 2 Page - NXP Semiconductors

  UDA1360 Datasheet HTML 1Page - NXP Semiconductors UDA1360 Datasheet HTML 2Page - NXP Semiconductors UDA1360 Datasheet HTML 3Page - NXP Semiconductors UDA1360 Datasheet HTML 4Page - NXP Semiconductors UDA1360 Datasheet HTML 5Page - NXP Semiconductors UDA1360 Datasheet HTML 6Page - NXP Semiconductors UDA1360 Datasheet HTML 7Page - NXP Semiconductors UDA1360 Datasheet HTML 8Page - NXP Semiconductors UDA1360 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 Feb 08
2
Philips Semiconductors
Preliminary specification
Low-voltage low-power stereo audio ADC
UDA1360TS
FEATURES
General
• Low power consumption
• 2.4 to 3.6 V power supply
• Supports 256 and 384fs system clock
• Supports sampling frequency range of 5 to 55 kHz
• Small package size (SSOP16)
• Integrated high-pass filter to cancel DC offset
• Power-down mode
• Supports 2 V (RMS) input signals
• Easy application
• Non-inverting ADC plus decimation filter.
Multiple format output interface
• I2S-bus and MSB-justified format compatible
• Up to 20 significant bits serial output.
Advanced audio configuration
• Stereo single-ended input configuration
• High linearity, dynamic range and low distortion.
GENERAL DESCRIPTION
The UDA1360TS is a single chip stereo Analog-to-Digital
Converter (ADC) employing bitstream conversion
techniques. The low power consumption and low voltage
requirements make the device eminently suitable for use
in low-voltage low-power portable digital audio equipment
which incorporates recording functions.
The UDA1360TS supports the I2S-bus data format and the
MSB-justified data format with word lengths of up to
20 bits.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA
analog supply voltage
2.4
3.0
3.6
V
VDDD
digital supply voltage
2.4
3.0
3.6
V
IDDA
analog supply current
9
mA
IDDD
digital supply current
3.5
mA
Tamb
operating ambient temperature
−40
+85
°C
ADC
Vi(rms)
input voltage (RMS value)
see Table 1
1.0
V
(THD + N)/S
total harmonic distortion plus
noise-to-signal ratio
at 0 dB
−−85
−80
dB
at
−60 dB; A-weighted
−−37
−33
dB
S/N
signal-to-noise ratio
VI = 0 V; A-weighted
97
dB
α
cs
channel separation
100
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UDA1360TS
SSOP16
plastic shrink small outline package; 16 leads; body width 4.4 mm
SOT369-1


Similar Part No. - UDA1360

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1361 PHILIPS-UDA1361 Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
More results

Similar Description - UDA1360

ManufacturerPart #DatasheetDescription
logo
Suzhou Everest Semicond...
ES8288 EVEREST-ES8288 Datasheet
433Kb / 25P
   Low Power Stereo Audio ADC
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
logo
Texas Instruments
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power Stereo ADC
logo
Suzhou Everest Semicond...
ES8218E EVEREST-ES8218E Datasheet
678Kb / 12P
   Low Power Audio ADC
logo
Wolfson Microelectronic...
WM8783 WOLFSON-WM8783 Datasheet
270Kb / 17P
   Stereo Low Power 96kHz ADC
logo
Maxim Integrated Produc...
MAX98089 MAXIM-MAX98089 Datasheet
14Mb / 131P
   Low-Power, Stereo Audio Codec with FlexSound Technology 93dB DR Stereo ADC
Rev 0; 6/11
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
logo
Wolfson Microelectronic...
WM8739 WOLFSON-WM8739 Datasheet
349Kb / 35P
   STEREO AUDIO ADC
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com