Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-2107 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-2107
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-2107 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-2107 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDSP-2107 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Read Cycle Timing Diagram
Relative Luminous Intensity vs. Temperature
1
12
11
6
3
2
CE
7
13
4
2
5
A0 -A4
FL
D0 -D7
RD
INPUT PULSE LEVELS: 0.6 V to 2.4 V
OUTPUT REFERENCE LEVELS: 0.6 V to 2.2 V
OUTPUT LOADING = 1 TTL LOAD AND 100 pF
-55
0
TA – AMBIENT TEMPERATURE – °C
65
-35
45
85
3.5
3.0
2.5
1.5
1.0
0.5
5
25
-15
2.0
-45
HER HDSP-2112/2502
ORANGE HDSP-2110/2500
YELLOW HDSP-2111/2501
GREEN
HDSP-2113/2503


Similar Part No. - HDSP-2107

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2107 AVAGO-HDSP-2107 Datasheet
344Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2107 AVAGO-HDSP-2107 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results

Similar Description - HDSP-2107

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-210X AVAGO-HDSP-210X_08 Datasheet
344Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-253X HP-HDSP-253X Datasheet
407Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDSP-253 HP-HDSP-253 Datasheet
201Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-253X AVAGO-HDSP-253X Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Broadcom Corporation.
HDSP-253X BOARDCOM-HDSP-253X Datasheet
813Kb / 18P
   Eight Character 5-mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com