Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-703E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-703E
Description  17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-703E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-703E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-703E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-703E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-703E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-703E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-703E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Notes:
1.Thedigitsarecategorizedforluminousintensity.Theintensitycategoryisdesignatedbyaletteronthesideofthepackage.
2.Thedominantwavelength,ld,isderivedfromtheCIEchromaticitydiagramandrepresentsthesinglewavelengthwhichdefinesthe
colorofthedevice.
3.Typicalspecificationforreferenceonly.Donotexceedabsolutemaximumratings.
AlGaAs
Devices
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max. Units
Conditions
LuminousIntensity/Dot
IV
1.55
2.10
mcd
IF=10mA,
(DigitAverage)[1]
20%DutyFactor
PeakWavelength
lPEAK
660
nm
IF=20mA
DominantWavelength[2]
ld
643
nm
IF=20mA
ForwardVoltage
VF
1.8
2.0
V
IF=20mA
2.0
IF=10mA
1.5
IF=5mA
ReverseVoltage[3]VR
5
V
IR=100µA
LuminousIntensity
IV-M
1.5:1
IF=10mA
MatchingRatio
20%DutyFactor
701A
711A
703A
713A
Optical/Electrical Characteristics at TA = 25°C, continued
Green
Devices
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max. Units
Conditions
LuminousIntensity/Dot
IV
0.96
2.50
mcd
IF=50mA,
(DigitAverage)[1]
20%DutyFactor
PeakWavelength
lPEAK
568
nm
IF=20mA
DominantWavelength[2]
ld
573
nm
IF=20mA
ForwardVoltage
VF
3.40
V
IF=50mA
1.80
2.25
2.60
IF=20mA
1.60
IF=5mA
ReverseVoltage[3]VR
5
V
IR=100µA
LuminousIntensity
IV-M
2:1
IF=50mA
MatchingRatio
20%DutyFactor
701G
711G
703G
713G


Similar Part No. - HDSP-703E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-703E-00000 HP-HDSP-703E-00000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-703E-0E000 HP-HDSP-703E-0E000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-703E-0F000 HP-HDSP-703E-0F000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-703E-0G000 HP-HDSP-703E-0G000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-703E-0H000 HP-HDSP-703E-0H000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
More results

Similar Description - HDSP-703E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B5XZ AVAGO-HDSP-B5XZ Datasheet
86Kb / 8P
   31.8 mm (1.25 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7XXX AVAGO-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-B7XZ AVAGO-HDSP-B7XZ Datasheet
86Kb / 8P
   31.99 mm (1.26 inch) General Purpose 4x8 Dot Matrix Bi-Color Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
logo
Marktech Corporate
MTAN2170-12A MARKTECH-MTAN2170-12A Datasheet
52Kb / 1P
   0.68 5x7 Dot Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com