Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-0763 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-0763
Description  Hexadecimal and Numeric Displays for Industrial Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-0763 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-0763 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-0763 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-0763 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-0763 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-0763 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-0763 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-0763 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-0763 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-0763 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Electrical Characteristics; TA = -55°C to +85°C
Description
Symbol
Test Conditions
Min.
Typ.[7]
Max.
Unit
Supply Current
HDSP-0760 Series
ICC
VCC = 5.5 V
78
105
mA
HDSP-0770 Series
(Characters “5.”
120
175
HDSP-0860 Series
or “B” Displayed)
HDSP-0960 Series
Power Dissipation
HDSP-0760 Series
PT
390
573
mW
HDSP-0770 Series
690
963
HDSP-0860 Series
HDSP-0960 Series
Logic, Enable and Blanking Low-Level Input
VIL
VCC = 4.5 V
0.8
V
Voltage
Logic, Enable and Blanking High-Level
VIH
2.0
V
Input Voltage
Logic and Enable Low-Level Input Current
IIL
VCC = 5.5 V
-1.6
mA
Blanking Low-Level Input Current
IBL
VIL = 0.4 V
-10
µA
Logic, Enable and Blanking High-Level
IIH
VCC = 5.5 V
+40
µA
Input Current
VIH = 2.4 V
Weight
1.0
gm
Leak Rate
5x10-8
cc/sec
Notes:
4. The luminous intensity at a specific operating ambient temperature, IV (TA) may be approximated from the following exponential equation:
IV (TA = IV (25°C) e[k (TA - 25°C)].
Device
K
HDSP-0760 Series
-0.0131/
°C
HDSP-0770 Series
HDSP-0860 Series
-0.0112/
°C
HDSP-0960 Series
-0.0104/
°C
5. The dominant wavelength, ld, is derived from the CIE Chromaticity Diagram and is that single wavelength which defines the color of the device.
6. The HDSP-0860 and HDSP-0960 series devices are categorized as to dominant wavelength with the category designated by a number on the back of
the display package.
7. All typical values at VCC = 5.0 V and TA = 25°C.


Similar Part No. - HDSP-0763

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-0763 HP-HDSP-0763 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0763 AVAGO-HDSP-0763 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-0763

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com