Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-0770 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-0770
Description  Hexadecimal and Numeric Displays for Industrial Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-0770 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-0770 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-0770 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-0770 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-0770 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-0770 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-0770 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-0770 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-0770 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-0770 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Color Bin Limits
Color Range (nm)
Color
Bin
Min.
Max.
Yellow
1
581.5
585.0
2584.0
587.5
3586.5
590.0
Green
1
570.0
574.0
2573.0
577.0
3576.0
580.0
Note:
Test conditions as specified in Optical
Characteristic table.
Intensity Bin Limits for HDSP-0860
Series
Intensity Range (
µcd)
Bin
Min.
Max.
A
215.00
337.86
B
279.29
456.43
C
377.14
662.14
D
547.14
992.86
E
820.71
1539.29
F
1272.14
2385.71
Note:
Test conditions as specified in Optical
Characteristic table.
Intensity Bin Limits for HDSP-0960
Series
Intensity Range (
µcd)
Bin
Min.
Max.
C
298.57
523.57
D
432.86
785.00
E
648.57
1175.00
F
971.43
1757.86
G
1452.86
2629.29
Note:
Test conditions as specified in Optical
Characteristic table.
Electrical Characteristics: TA = -55°C to +85°C
Test
Device
Description
Symbol
Conditions
Min.
Typ.
Max.
Unit
HDSP-0763
Power Dissipation (All LEDs Illuminated)
PT
IF = 2.8 mA
72
mW
IF = 8 mA
224
282
Forward Voltage per LED
VF
IF = 2.8 mA
1.6
V
IF = 8 mA
1.75
2.2
HDSP-0863
Power Dissipation (All LEDs Illuminated)
PT
IF = 8 mA
237
282
mW
Forward Voltage per LED
VF
1.90
2.2
V
HDSP-0963
Power Dissipation (All LEDs Illuminated)
PT
IF = 8 mA
243
282
mW
Forward Voltage per LED
VF
1.85
2.2
V
Intensity Bin Limits for HDSP-0760
Series
Intensity Range (
µcd)
Bin
Min.
Max.
A65.00
102.14
B84.29
137.86
C
114.29
200.00
D
165.71
300.00
E
260.00
487.86
F
402.86
755.71
G
625.00
1171.43
Note:
Test conditions as specified in Optical
Characteristic table.
Intensity Bin Limits for HDSP-0770
Series
Intensity Range (
µcd)
Bin
Min.
Max.
E
260.00
487.64
F
403.00
755.79
G
624.64
1171.50
H
969.00
1817.00
Note:
Test conditions as specified in Optical
Characteristic table.
8


Similar Part No. - HDSP-0770

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-0770 HP-HDSP-0770 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0770 AVAGO-HDSP-0770 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results

Similar Description - HDSP-0770

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com