Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89HPES6T5ZABC Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 89HPES6T5ZABC
Description  6-Lane 5-Port PCI Express Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES6T5ZABC Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 89HPES6T5ZABC Datasheet HTML 3Page - Integrated Device Technology 89HPES6T5ZABC Datasheet HTML 4Page - Integrated Device Technology 89HPES6T5ZABC Datasheet HTML 5Page - Integrated Device Technology 89HPES6T5ZABC Datasheet HTML 6Page - Integrated Device Technology 89HPES6T5ZABC Datasheet HTML 7Page - Integrated Device Technology 89HPES6T5ZABC Datasheet HTML 8Page - Integrated Device Technology 89HPES6T5ZABC Datasheet HTML 9Page - Integrated Device Technology 89HPES6T5ZABC Datasheet HTML 10Page - Integrated Device Technology 89HPES6T5ZABC Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7 of 28
September 7, 2007
IDT 89HPES6T5 Data Sheet
RSTHALT
I
Reset Halt. When this signal is asserted during a PCI Express fundamental
reset, the PES6T5 executes the reset procedure and remains in a reset
state with the Master and Slave SMBuses active. This allows software to
read and write registers internal to the device before normal device opera-
tion begins. The device exits the reset state when the RSTHALT bit is
cleared in the PA_SWCTL register by an SMBus master.
SWMODE[2:0]
I
Switch Mode. These configuration pins determine the PES6T5 switch
operating mode.
0x0 - Normal switch mode
0x1 - Normal switch mode with Serial EEPROM initialization
0x2 - through 0xF Reserved
WAKEN
I/O
Wake Input/Output. The WAKEN signal is an input or output. The WAKEN
signal input/output selection can be made through the WAKEDIR bit setting
in the WAKEUPCNTL register.
Signal
Type
Name/Description
JTAG_TCK
I
JTAG Clock. This is an input test clock used to clock the shifting of data
into or out of the boundary scan logic or JTAG Controller. JTAG_TCK is
independent of the system clock with a nominal 50% duty cycle.
JTAG_TDI
I
JTAG Data Input. This is the serial data input to the boundary scan logic or
JTAG Controller.
JTAG_TDO
O
JTAG Data Output. This is the serial data shifted out from the boundary
scan logic or JTAG Controller. When no data is being shifted out, this signal
is tri-stated.
JTAG_TMS
I
JTAG Mode. The value on this signal controls the test mode select of the
boundary scan logic or JTAG Controller.
JTAG_TRST_N
I
JTAG Reset. This active low signal asynchronously resets the boundary
scan logic and JTAG TAP Controller. An external pull-up on the board is
recommended to meet the JTAG specification in cases where the tester
can access this signal. However, for systems running in functional mode,
one of the following should occur:
1) actively drive this signal low with control logic
2) statically drive this signal low with an external pull-down on the board
Table 6 Test Pins
Signal
Type
Name/Description
VDDCORE
I
Core VDD. Power supply for core logic.
VDDIO
I
I/O VDD. LVTTL I/O buffer power supply.
VDDPE
I
PCI Express Digital Power. PCI Express digital power used by the digital
power of the SerDes.
VDDAPE
I
PCI Express Analog Power. PCI Express analog power used by the PLL
and bias generator.
VTTPE
I
PCI Express Termination Power.
VSS
I
Ground.
Table 7 Power and Ground Pins
Signal
Type
Name/Description
Table 5 System Pins (Part 2 of 2)


Similar Part No. - 89HPES6T5ZABC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES6T5ZBBC RENESAS-89HPES6T5ZBBC Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES6T5ZBBCG RENESAS-89HPES6T5ZBBCG Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES6T5ZBBCGI RENESAS-89HPES6T5ZBBCGI Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES6T5ZBBCI RENESAS-89HPES6T5ZBBCI Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
More results

Similar Description - 89HPES6T5ZABC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES6T5 RENESAS-89HPES6T5 Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
logo
Integrated Device Techn...
89PES5T5 IDT-89PES5T5 Datasheet
437Kb / 26P
   5-Lane 5-Port PCI Express Switch
89HPES8T5A IDT-89HPES8T5A Datasheet
462Kb / 29P
   8-Lane 5-Port PCI Express Switch
logo
Renesas Technology Corp
89HPES24T6 RENESAS-89HPES24T6 Datasheet
999Kb / 34P
   24-Lane 6-Port PCI Express® Switch
April 23, 2008
89HPES8T5A RENESAS-89HPES8T5A Datasheet
469Kb / 30P
   8-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES6T6G2 RENESAS-89HPES6T6G2 Datasheet
604Kb / 30P
   6-Lane 6-Port Gen2 PCI Express® Switch
March 30, 2011
PES8T5 RENESAS-PES8T5 Datasheet
744Kb / 32P
   8-Lane 5-Port PCI Express® Switch
March 27, 2008
89HPES24T6G2 RENESAS-89HPES24T6G2 Datasheet
1Mb / 55P
   24-Lane 6-Port Gen2 PCI Express® Switch
April 30, 2013
logo
Integrated Device Techn...
89HPES3T3 IDT-89HPES3T3 Datasheet
395Kb / 23P
   3-Lane 3-Port PCI Express Switch
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
   4-Lane 4-Port PCI Express Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com