Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89HPES6T5ZABCG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 89HPES6T5ZABCG
Description  6-Lane 5-Port PCI Express Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES6T5ZABCG Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 89HPES6T5ZABCG Datasheet HTML 4Page - Integrated Device Technology 89HPES6T5ZABCG Datasheet HTML 5Page - Integrated Device Technology 89HPES6T5ZABCG Datasheet HTML 6Page - Integrated Device Technology 89HPES6T5ZABCG Datasheet HTML 7Page - Integrated Device Technology 89HPES6T5ZABCG Datasheet HTML 8Page - Integrated Device Technology 89HPES6T5ZABCG Datasheet HTML 9Page - Integrated Device Technology 89HPES6T5ZABCG Datasheet HTML 10Page - Integrated Device Technology 89HPES6T5ZABCG Datasheet HTML 11Page - Integrated Device Technology 89HPES6T5ZABCG Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8 of 28
September 7, 2007
IDT 89HPES6T5 Data Sheet
Pin Characteristics
Note: Some input pads of the PES6T5 do not contain internal pull-ups or pull-downs. Unused inputs should be tied off to appropriate levels.
This is especially critical for unused control signal inputs which, if left floating, could adversely affect operation. Also, any input pin left
floating can cause a slight increase in power consumption.
Function
Pin Name
Type
Buffer
I/O
Type
Internal
Resistor
Notes
PCI Express Inter-
face
PE0RN[1:0]
I
CML
Serial Link
PE0RP[1:0]
I
PE0TN[1:0]
O
PE0TP[1:0]
O
PE2RN[0]
I
PE2RP[0]
I
PE2TN[0]
O
PE2TP[0]
O
PE3RN[0]
I
PE3RP[0]
I
PE3TN[0]
O
PE3TP[0]
O
PE4RN[0]
I
PE4RP[0]
I
PE4TN[0]
O
PE4TP[0]
O
PE5RN[0]
I
PE5RP[0]
I
PE5TN[0]
O
PE5TP[0]
O
PEREFCLKN
I
LVPECL/
CML
Diff. Clock
Input
Refer toTable 9
PEREFCLKP
I
REFCLKM
I
LVTTL
Input
pull-down
SMBus
MSMBADDR[4:1]
I
LVTTL
Input
pull-up
MSMBCLK
I/O
STI1
MSMBDAT
I/O
STI
SSMBADDR[5,3:1]
I
Input
pull-up
SSMBCLK
I/O
STI
SSMBDAT
I/O
STI
General Purpose I/O
GPIO[10:0]
I/O
LVTTL
High Drive
pull-up
Table 8 Pin Characteristics (Part 1 of 2)


Similar Part No. - 89HPES6T5ZABCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES6T5ZBBC RENESAS-89HPES6T5ZBBC Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES6T5ZBBCG RENESAS-89HPES6T5ZBBCG Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES6T5ZBBCGI RENESAS-89HPES6T5ZBBCGI Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES6T5ZBBCI RENESAS-89HPES6T5ZBBCI Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
More results

Similar Description - 89HPES6T5ZABCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES6T5 RENESAS-89HPES6T5 Datasheet
470Kb / 29P
   6-Lane 5-Port PCI Express® Switch
June 18, 2014
logo
Integrated Device Techn...
89PES5T5 IDT-89PES5T5 Datasheet
437Kb / 26P
   5-Lane 5-Port PCI Express Switch
89HPES8T5A IDT-89HPES8T5A Datasheet
462Kb / 29P
   8-Lane 5-Port PCI Express Switch
logo
Renesas Technology Corp
89HPES24T6 RENESAS-89HPES24T6 Datasheet
999Kb / 34P
   24-Lane 6-Port PCI Express® Switch
April 23, 2008
89HPES8T5A RENESAS-89HPES8T5A Datasheet
469Kb / 30P
   8-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES6T6G2 RENESAS-89HPES6T6G2 Datasheet
604Kb / 30P
   6-Lane 6-Port Gen2 PCI Express® Switch
March 30, 2011
PES8T5 RENESAS-PES8T5 Datasheet
744Kb / 32P
   8-Lane 5-Port PCI Express® Switch
March 27, 2008
89HPES24T6G2 RENESAS-89HPES24T6G2 Datasheet
1Mb / 55P
   24-Lane 6-Port Gen2 PCI Express® Switch
April 30, 2013
logo
Integrated Device Techn...
89HPES3T3 IDT-89HPES3T3 Datasheet
395Kb / 23P
   3-Lane 3-Port PCI Express Switch
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
   4-Lane 4-Port PCI Express Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com