Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1361 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UDA1361
Description  96 kHz sampling 24-bit stereo audio ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1361 Datasheet(HTML) 5 Page - NXP Semiconductors

  UDA1361 Datasheet HTML 1Page - NXP Semiconductors UDA1361 Datasheet HTML 2Page - NXP Semiconductors UDA1361 Datasheet HTML 3Page - NXP Semiconductors UDA1361 Datasheet HTML 4Page - NXP Semiconductors UDA1361 Datasheet HTML 5Page - NXP Semiconductors UDA1361 Datasheet HTML 6Page - NXP Semiconductors UDA1361 Datasheet HTML 7Page - NXP Semiconductors UDA1361 Datasheet HTML 8Page - NXP Semiconductors UDA1361 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2001 Jan 17
5
Philips Semiconductors
Product specification
96 kHz sampling 24-bit stereo audio ADC
UDA1361TS
FUNCTIONAL DESCRIPTION
System clock
The UDA1361TS accommodates master and slave
modes. The system devices must provide the system
clock regardless of master or slave mode. In the master
mode a system clock frequency of 256fs is required. In the
slave mode a system frequency of 256, 384, 512 or 768fs
is automatically detected (for a system clock of 768fs the
sampling frequency must be limited to 55 kHz). The
system clock must be locked in frequency to the digital
interface input signals.
Input level
The overall system gain is proportional to VDDA, or more
accurately the potential difference between the reference
voltages VVRP and VVRN. The −1 dB input level at which
THD + N/S is specified corresponds to
−1 dB(FS) digital
output (relative to the full-scale swing). With an input gain
switch, the input level can be calculated as follows:
at 0 dB gain:
at 6 dB gain:
In applications where a 2 V (RMS) input signal is used, a
12 k
Ω resistor must be connected in series with the input
of the ADC. This forms a voltage divider together with the
internal ADC resistor and ensures that only 1 V (RMS)
maximum is input to the IC.
Using this application for a 2 V (RMS) input signal, the gain
switch must be set to 0 dB. When a 1 V (RMS) input signal
is input to the ADC in the same application the gain switch
must be set to 6 dB.
An overview of the maximum input voltage allowed against
the presence of an external resistor and the setting of the
gain switch is given in Table . The power supply voltage is
assumed to be 3 V.
Table 1
Application modes using input gain stage
Multiple format output interface
The serial interface provides the following data output
formats in both master and slave modes
(see Figs 3, 4 and 5).
• I2S-bus with data word length of up to 24 bits
• MSB-justified serial format with data word length of up to
24 bits.
The master mode drives pins WS (word select; 1fs) and
BCK (bit clock; 64fs). WS and BCK are received in slave
mode.
Table 2
Master/slave select
Table 3
Select data format
Decimation filter
The decimation from 64fs is performed in two stages. The
first stage realizes a 4th-order sinx/x characteristic. This
filter decreases the sample rate by 8.
The second stage, a FIR filter, consists of 3 half-band
filters, each decimating by a factor of 2.
V
i
1 dB
()
V
VRP
V
VRN
3
----------------------------------
V (RMS)
==
V
i
1 dB
()
V
VRP
V
VRN
23
×
----------------------------------
V (RMS)
==
RESISTOR
(12 k
Ω)
INPUT GAIN
SWITCH
MAXIMUM
INPUT
VOLTAGE (RMS)
Present
0 dB
2 V
Present
0 dB
1 V
Absent
0 dB
1 V
Absent
6 dB
0.5 V
MSSEL
MASTER/SLAVE SELECT
L
slave mode
H
master mode
M
(reserved for digital test)
SFOR
DATA FORMAT
LI2S-bus data format
H
MSB-justified data format
M
(reserved for analog test)


Similar Part No. - UDA1361

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
More results

Similar Description - UDA1361

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4340 CIRRUS-CS4340_05 Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com