Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5451A-ISZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5451A-ISZ
Description  Six-channel, Delta-sigma Analog-to-digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5451A-ISZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS5451A-ISZ Datasheet HTML 1Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 2Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 3Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 4Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 5Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 6Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 7Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 8Page - Cirrus Logic CS5451A-ISZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CS5451A
DS635F2
5
ANALOG CHARACTERISTICS (continued)
Notes:
1.
Specifications for Gain = 20 apply only to Current Channels. Voltage Channels are fixed to Gain = 1
2.
All outputs unloaded. All inputs CMOS level.
3.
Definition for PSRR: VREFIN tied to VREFOUT, VA+ = VD+ = 3 V, AGND = DGND = 0 V, VA- = -2 V (using charge-
pump circuit with CPD). In addition, a 106.07 mV rms (60 Hz) sinewave is imposed onto the VA+ and VD+ pins.
The “+” and “-” input pins of both input channels are shorted to VA-. 2048 instantaneous digital output data words
are collected for the channel under test. The rms value of the digital sinusoidal output signal is calculated, and this
rms value is converted into the rms value of the sinusoidal voltage (measured in mV) that would need to be applied
at the channel’s inputs, in order to cause the same digital sinusoidal output. This voltage is then defined as Veq.
PSRR is then (in dB):
DIGITAL CHARACTERISTICS (See Note 4)
Min/Max characteristics and specifications are guaranteed over all Operating Conditions.
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
VA+ = VD+ = 3V ±10%; VA- = -2 V ±10%; AGND = DGND = 0 V. All voltages with respect to 0 V.
XIN = 4.096 MHz
Notes:
4.
All measurements performed under static conditions.
5.
For OWRS and GAIN pins, input leakage current is 30 µA (Max).
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
Power Supply Currents
IA+
Typical VA+=VD+=+3V; VA-=-2V
ID+ with CPD
ID+ without CPD
PSCA
PSCD
PSCD
-
-
-
4.0
5.0
1.0
5.3
6.3
1.5
mA
mA
mA
Power Consumption
With CPD
(Note 2)
Without CPD
PC
PC
-
-
27
23
35
31
mW
mW
Power Supply Rejection
(DC)
50, 60 Hz (Note 3)
Voltage Channel
50, 60 Hz (Note 3)
Current Channel
PSRR
PSRR
PSRR
50
50
60
-
65
90
-
-
-
dB
dB
dB
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Characteristics
Master Clock Frequency
XIN
3
4.096
5
MHz
Master Clock Duty Cycle
40
-
60
%
Filter Characteristics
High Rate Filter Output Word Rate
OWRS = 0
OWRS = 1
OWR
OWR
-
-
XIN/2048
XIN/1024
-
-
Hz
Hz
Input/Output Characteristics
High-Level Input Voltage
VIH
0.6 VD+
-
VD+
V
Low-Level Input Voltage
VIL
0.0
-
0.8
V
High-Level Output Voltage
Iout = -5.0 mA
VOH
(VD+) - 1.0
-
-
V
Low-Level Output Voltage
Iout = 5.0 mA
VOL
--
0.4
V
Input Leakage Current
(Note 5)
Iin
-±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
PSRR
20
106.07
V
eq
------------------
⎩⎭
⎨⎬
⎧⎫
log
=


Similar Part No. - CS5451A-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A-ISZ CIRRUS-CS5451A-ISZ Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
More results

Similar Description - CS5451A-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
logo
Cirrus Logic
CS5471 CIRRUS-CS5471 Datasheet
356Kb / 14P
   DUAL CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com