Electronic Components Datasheet Search |
|
HDSP-U2XX Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
HDSP-U2XX Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
5 / 11 page 5 Electrical/Optical Characteristics at T A = 25°C, continued High Efficiency Red Device Test Series Parameter Symbol Min. Typ. Max. Units Conditions HDSP- Luminous Intensity/Segment[1,2] IV 360 980 µcd IF = 5 mA 5390 IF = 20 mA Forward Voltage/Segment or DP VF 2.0 2.5 V IF = 20 mA Peak Wavelength λ PEAK 635 nm Dominant Wavelength[3] λ d 626 nm Reverse Voltage/Segment or DP[4] VR 3.0 30 V IR = 100 µA Temperature Coefficient of ∆V F/°C-2 mV/ °C VF/Segment or DP Thermal Resistance LED R θ J-Pin 200 °C/W/ Junction-to-Pin Seg U2xx (Digit Average) Orange Device Test Series Parameter Symbol Min. Typ. Max. Units Conditions HDSP- Luminous Intensity/Segment[1,2] IV 360 980 µcd IF = 5 mA 5390 IF = 20 mA Forward Voltage/Segment or DP VF 2.0 2.5 V IF = 20 mA Peak Wavelength λ PEAK 600 nm Dominant Wavelength[3] λ d 603 nm Reverse Voltage/Segment or DP[4] VR 3.0 30 V IR = 100 µA Temperature Coefficient of ∆V F/°C-2 mV/ °C VF/Segment or DP Thermal Resistance LED R θ J-Pin 200 °C/W/ Junction-to-Pin Seg (Digit Average) U4xx |
Similar Part No. - HDSP-U2XX |
|
Similar Description - HDSP-U2XX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |