Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCV125PA Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDTCV125PA
Description  PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCV125PA Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDTCV125PA Datasheet HTML 3Page - Integrated Device Technology IDTCV125PA Datasheet HTML 4Page - Integrated Device Technology IDTCV125PA Datasheet HTML 5Page - Integrated Device Technology IDTCV125PA Datasheet HTML 6Page - Integrated Device Technology IDTCV125PA Datasheet HTML 7Page - Integrated Device Technology IDTCV125PA Datasheet HTML 8Page - Integrated Device Technology IDTCV125PA Datasheet HTML 9Page - Integrated Device Technology IDTCV125PA Datasheet HTML 10Page - Integrated Device Technology IDTCV125PA Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV125
PROGRAMMABLEFLEXPCCLOCKFORP4PROCESSOR
7
BYTE 3
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
0
Reserved
RW
0
1
SRC1
RW
0
2
SRC2
RW
0
3
SRC3
Allow controlled by
Freerunning,not
Stoppedwith
RW
0
4
SRC4
PCI_STOP# assertion
affected by PCI_STOP#
PCI_STOP#
RW
0
5
SRC5
RW
0
6
SRC6
RW
0
7
SRC7
RW
0
BYTE 5
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
0
CPU0, CPU0#
CPU0 PD drive mode
Driven in power down
Tristateinpowerdown
RW
0
1
CPU1, CPU1#
CPU1 PD drive mode
Driven in power down
Tristateinpowerdown
RW
0
2
CPU2, CPU2#
CPU2 PD drive mode
Driven in power down
Tristateinpowerdown
RW
0
3
SRC[7:1], SRC[7:1]#
SRC PD drive mode
Driven in power down
Tristateinpowerdown
RW
0
4
CPU0, CPU0#
CPU0 CPU_STOP drive mode
Driven in CPU_STOP#
Tristatewhenstopped
RW
0
5
CPU1, CPU1#
CPU1 CPU_STOP drive mode
Driven in CPU_STOP#
Tristatewhenstopped
RW
0
6
CPU2, CPU2#
CPU2 CPU_STOP drive mode
Driven in CPU_STOP#
Tristatewhenstopped
RW
0
7
SRC[7:1], SRC[7:1]#
SRC PCI_STOP drive mode
Driven in PCI_STOP
Tristatewhenstopped
RW
0
BYTE 4
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
0
CPU0, CPU0#
Allow control of CPU0
Notstopped
Stoppedwith
RW
1
with assertion of CPU_STOP#
by CPU_STOP#
CPU_STOP#
1
CPU1, CPU1#
Allow control of CPU1
Notstopped
Stoppedwith
RW
1
with assertion of CPU_STOP#
by CPU_STOP#
CPU_STOP#
2
CPU2, CPU2#
Allow control of CPU2
Notstopped
Stoppedwith
RW
1
with assertion of CPU_STOP#
by CPU_STOP#
CPU_STOP#
3
PCIF0
Allow controlled by
Notstopped
Stoppedwith
RW
0
4
PCIF1
PCI_STOP# assertion
by PCI_STOP#
PCI_STOP#
RW
0
5
Reserved
RW
0
6
DOT96
DOT96 power down drive mode
Driven in power down
Tristate
RW
0
7
Reserved
RW
0


Similar Part No. - IDTCV125PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV122CPVG IDT-IDTCV122CPVG Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV123 IDT-IDTCV123 Datasheet
78Kb / 16P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV123 RENESAS-IDTCV123 Datasheet
257Kb / 17P
   PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
MAY 2004
logo
Integrated Device Techn...
IDTCV123PV IDT-IDTCV123PV Datasheet
78Kb / 16P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
More results

Similar Description - IDTCV125PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV152 IDT-IDTCV152 Datasheet
91Kb / 15P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
logo
Integrated Device Techn...
IDTCV115-2 IDT-IDTCV115-2 Datasheet
107Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122CPVG IDT-IDTCV122CPVG Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV123 IDT-IDTCV123 Datasheet
78Kb / 16P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV133 RENESAS-IDTCV133 Datasheet
312Kb / 27P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JANUARY 2005
IDTCV126 RENESAS-IDTCV126 Datasheet
260Kb / 17P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JUNE 22, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com