Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMA1002T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UMA1002T
Description  Data processor for cellular radio DPROC2
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1002T Datasheet(HTML) 2 Page - NXP Semiconductors

  UMA1002T Datasheet HTML 1Page - NXP Semiconductors UMA1002T Datasheet HTML 2Page - NXP Semiconductors UMA1002T Datasheet HTML 3Page - NXP Semiconductors UMA1002T Datasheet HTML 4Page - NXP Semiconductors UMA1002T Datasheet HTML 5Page - NXP Semiconductors UMA1002T Datasheet HTML 6Page - NXP Semiconductors UMA1002T Datasheet HTML 7Page - NXP Semiconductors UMA1002T Datasheet HTML 8Page - NXP Semiconductors UMA1002T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1997 Jan 28
2
Philips Semiconductors
Product specification
Data processor for cellular radio
(DPROC2)
UMA1002
FEATURES
• Single chip solution to all the data handling and
supervisory functions
• Configuration to both AMPS and TACS
• Additional JTACS option
• I2C-bus serial control
• All analog interface and filtering functions fully
implemented on chip
• Error handling in hardware reduces software
requirements
• Robust SAT decoding and transponding circuitry
• Low current consumption by on-chip power-down
modes
• Reduced system current consumption by new
integrated power-saving features
– Majority voting includes more intelligence
– On-chip control filler word filter
– BCH error filter
– Possibility to program ESCC bits
• Small physical size: SO28 or LQFP32
• External peripheral component count reduced
– On-chip selectable clock divider
– Integrated pull-up resistor at TXLINE
• Simplified reset and abort software routines possible
• The SO28 version is fully compatible with UMA1000LT
and UMF1000T.
GENERAL DESCRIPTION
The UMA1002 is a low power CMOS LSI device
incorporating the data transceiving, data processing, and
SAT functions (including on-chip filtering) for an AMPS or
TACS hand-held portable cellular radio telephone.
In this data sheet, the UMA1002 is often referred to by the
descriptive term ‘DPROC2’.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.7
3.0
5.5
V
IDD
supply current normal operation with external clock
1.3
1.8
mA
Tamb
operating ambient temperature
−30
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UMA1002T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
UMA1002H
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1


Similar Part No. - UMA1002T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1005 PHILIPS-UMA1005 Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
UMA1005T PHILIPS-UMA1005T Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
logo
Microsemi Corporation
UMA100A MICROSEMI-UMA100A Datasheet
255Kb / 4P
   ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V
UMA100CA MICROSEMI-UMA100CA Datasheet
255Kb / 4P
   ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V
More results

Similar Description - UMA1002T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM8002 TI-TCM8002 Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8002 TI1-TCM8002_08 Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
logo
National Semiconductor ...
LMX2411 NSC-LMX2411 Datasheet
163Kb / 10P
   Baseband Processor for Radio Communications
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
NXP Semiconductors
PCF5081 PHILIPS-PCF5081 Datasheet
186Kb / 14P
   GSM baseband processors for digital mobile cellular radio
September 1993
SAF3560 NXP-SAF3560 Datasheet
566Kb / 20P
   Terrestrial digital radio processor Providing new data services
Rev. 03-15 September 2010
logo
STMicroelectronics
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
   Signal processor for car radio applications
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
   Family Radio Processor
logo
RF Micro Devices
SIW3000 RFMD-SIW3000 Datasheet
386Kb / 24P
   ULTIMATEBLUE RADIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com