Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0070BA03051S Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # SF0070BA03051S
Description  70 MHz Filter 3 MHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0070BA03051S Datasheet(HTML) 2 Page - Integrated Circuit Systems

  SF0070BA03051S Datasheet HTML 1Page - Integrated Circuit Systems SF0070BA03051S Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70 MHz Filter
3 MHz Bandwidth
Part Number
SF0070BA03051S
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Micro Networks
324 Clark Street Worcester, MA 01606. tel: 508-852-5400 fax: 508-852-8456
www.micronetworks.com
Rev X3 20-Nov-03
Page 2 of 2
PACKAGE OUTLINE
Units:
mm
Pin Configuration:
Input:
11
Output:
5
Ground:
1,2,3,4,6,7,8,9,10,12
MATCHING CIRCUIT
11
5
Component values in 50
Ω:
Ls1 = 120 nH
Ls2 = 68 nH
(Minimum Q = 45)
Notes
Optimum component values may change depending on board layout. The values shown here are intended
as a guide only.


Similar Part No. - SF0070BA03051S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070BA03051S APITECH-SF0070BA03051S Datasheet
255Kb / 2P
   70 MHz Filter 3 MHz Bandwidth
More results

Similar Description - SF0070BA03051S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070BA03051S APITECH-SF0070BA03051S Datasheet
255Kb / 2P
   70 MHz Filter 3 MHz Bandwidth
logo
TriQuint Semiconductor
854656 TRIQUINT-854656_15 Datasheet
43Kb / 1P
   70 MHz Bandpass Filter 3 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51842T ICST-SF0070CF51842T Datasheet
185Kb / 2P
   70 MHz Filter 12 MHz Bandwidth
SF0070BA03039S ICST-SF0070BA03039S Datasheet
272Kb / 2P
   70 MHz Filter 20 MHz Bandwidth
logo
API Technologies Corp
SF0070CF51846T APITECH-SF0070CF51846T Datasheet
191Kb / 2P
   70 MHz Filter 16 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51543T ICST-SF0070CF51543T Datasheet
136Kb / 2P
   70 MHz Filter 0.7 MHz Bandwidth
SF0070BA03047S ICST-SF0070BA03047S Datasheet
225Kb / 2P
   70 MHz Filter 1 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03048S APITECH-SF0070BA03048S Datasheet
143Kb / 2P
   70 MHz Filter 1.5 MHz Bandwidth
SF0070BA03067S APITECH-SF0070BA03067S Datasheet
247Kb / 2P
   70 MHz Filter 40 MHz Bandwidth
SF0070BA03064S APITECH-SF0070BA03064S Datasheet
259Kb / 2P
   70 MHz Filter 24 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com