Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100CSA060 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PM100CSA060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM100CSA060 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM100CSA060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM100CSA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM100CSA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM100CSA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM100CSA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM100CSA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM100CSA060
FLAT-BASE TYPE
INSULATED PACKAGE
0
1
2
3
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
0
40
200
80
120
160
VD = 15V
Tj = 25
oC
Tj = 125
oC
VCIN = 0V
0
1
2
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
IC = 100A
Tj = 25
oC
Tj = 125
oC
VCIN = 0V
3
0
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
01
2
0
3
40
80
120
160
Tj = 25
oC
VCIN = 0V
VD = 17V
15
13
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(on)
100
101
tc(off)
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
100
101
102
10-2
COLLECTOR REVERSE CURRENT, –IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
10-1
100
VCC = 300V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
100
101
102
Irr
trr
00
1.0
2.5
100
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
DIODE FORWARD CHARACTERISTICS
101
102
0.5
1.5
2.0
Tj = 25
oC
Tj = 125
oC
VD = 15V
VCIN = 15V
40
60
80
100
120
OVER CURRENT TRIP LEVEL VS.
SUPPLY VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
Tj = 25
oC
0
0
40
60
120
OVER CURRENT TRIP LEVEL
TEMPERATURE DEPENDENCY (TYPICAL)
JUNCTION TEMPERATURE, Tj, (
oC)
0
50
100
150
-50
VD = 15V
100
80


Similar Part No. - PM100CSA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100CSA060 MITSUBISHI-PM100CSA060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
logo
Powerex Power Semicondu...
PM100CSA060 POWEREX-PM100CSA060 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
More results

Similar Description - PM100CSA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com