Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM400DY-50H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM400DY-50H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM400DY-50H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM400DY-50H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM400DY-50H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM400DY-50H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM400DY-50H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mar. 2003
MITSUBISHI HVIGBT MODULES
CM400DY-50H
HIGH POWER SWITCHING USE
INSULATED TYPE
HVIGBT MODULES (High Voltage Insulated Gate Bipolar Transistor Modules)
MAXIMUM RATINGS (Tj = 25
°C)
VGE = 0V
VCE = 0V
DC, TC = 80
°C
Pulse
(Note 1)
Pulse
(Note 1)
TC = 25
°C, IGBT part
Charged part to base plate, rms, sinusoidal, AC 60Hz 1min.
Main terminals screw M8
Mounting screw M6
Auxiliary terminals screw M4
Typical value
2500
±20
400
800
400
800
3400
–40 ~ +150
–40 ~ +125
6000
6.67 ~ 13.00
2.84 ~ 6.00
0.88 ~ 2.00
1.5
V
V
A
A
A
A
W
°C
°C
V
N·m
N·m
N·m
kg
Collector-emitter voltage
Gate-emitter voltage
Maximum collector dissipation
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Mass
Collector current
Emitter current
Symbol
Item
Conditions
Unit
Ratings
VCES
VGES
IC
ICM
IE (Note 2)
IEM (Note 2)
PC (Note 3)
Tj
Tstg
Viso
V
V
VCE = VCES, VGE = 0V
VGE = VGES, VCE = 0V
Tj = 25
°C
Tj = 125
°C
VCC = 1250V, IC = 400A, VGE = 15V
VCC = 1250V, IC = 400A
VGE1 = VGE2 = 15V
RG = 7.5
Resistive load switching operation
IE = 400A, VGE = 0V
IE = 400A
die / dt = –800A /
µs
Junction to case, IGBT part (Per 1/2 module)
Junction to case, FWDi part (Per 1/2 module)
Case to fin, conductive grease applied (Per 1/2 module)
IC = 40mA, VCE = 10V
IC = 400A, VGE = 15V
(Note 4)
VCE = 10V
VGE = 0V
5
0.5
4.16
1.00
2.00
2.00
1.00
3.77
1.20
0.036
0.072
mA
µA
nF
nF
nF
µC
µs
µs
µs
µs
V
µs
µC
K/W
K/W
K/W
3.20
3.60
40
4.4
1.3
1.8
2.90
85
0.016
6.0
4.5
7.5
Collector cutoff current
Gate-emitter
threshold voltage
Gate-leakage current
Collector-emitter
saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Emitter-collector voltage
Reverse recovery time
Reverse recovery charge
Contact thermal resistance
Min
Typ
Max
ICES
IGES
Cies
Coes
Cres
QG
td (on)
tr
td (off)
tf
VEC (Note 2)
trr
(Note 2)
Qrr (Note 2)
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
Symbol
Parameter
Conditions
VGE(th)
VCE(sat)
Limits
Unit
Note 1. Pulse width and repetition rate should be such that the device junction temp. (Tj) does not exceed Tjmax rating.
2. IE, VEC, trr, Qrr & die/dt represent characteristics of the anti-parallel, emitter to collector free-wheel diode.
3. Junction temperature (Tj) should not increase beyond 150
°C.
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
Thermal resistance
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules


Similar Part No. - CM400DY-50H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM400DY-50H POWEREX-CM400DY-50H Datasheet
43Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM400DY-50H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com