Electronic Components Datasheet Search |
|
AK002D4-24 Datasheet(PDF) 2 Page - Alpha Industries |
|
AK002D4-24 Datasheet(HTML) 2 Page - Alpha Industries |
2 / 2 page GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC–2 GHz AK002D4-24 2 Alpha Industries, Inc. [781] 935-5150 • Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com Specifications subject to change without notice. 3/99A 5 4 3 2 2 1 1 DC Frequency (GHz) Insertion Loss vs. Frequency +85˚C -40˚C 2.5 2.2 1.9 1.6 1.3 1 2 1.0 Frequency (GHz) VSWR vs. Frequency (All States) DC Frequency (GHz) 1, 2, 4 dB Bits vs. Frequency 5 4 3 2 2 1 1 DC Typical Performance Data (+5 V, -5 V) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 J1 GND GND GND C3 +5 V -5 V J2 GND GND GND C1 C2 C4 8 dB 1 dB 2 dB 4 dB Characteristic Value RF Input Power 0.5 W > 500 MHz 0.1 W @ 50 MHz Supply Voltage +6 V, -6 V Control Voltage +6 V Operating Temperature 0°C to +70°C Storage Temperature -65°C to +150°C ΘJC 30°C/W Absolute Maximum Ratings Truth Table Pin Out 16 15 14 9 8 1 2 DC Frequency (GHz) 8, 15 dB Bits vs. Frequency 7 C1 C2 C3 C4 Attenuation 8 dB 1 dB 2 dB 4 dB J1–J2 0 0 0 1 Reference I.L. 0 1 0 1 1 dB 0 0 1 1 2 dB 0 0 0 0 4 dB 1 0 0 1 8 dB 1 1 1 0 15 dB “0” = 0.0 to 0.2 V, “1” = 4.5 to 5.0 V. |
Similar Part No. - AK002D4-24 |
|
Similar Description - AK002D4-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |