Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-9100 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HEDS-9100
Description  Two Channel High Resolution Optical Incremental Encoder Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9100 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HEDS-9100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-9100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-9100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-9100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Two Channel High Resolution
Optical Incremental Encoder
Modules
Technical Data
Features
• High Resolution: Up to 2048
Cycles per Revolution
• Up to 8192 Counts per
Revolution with 4X Decoding
• Two Channel Quadrature
Output
• Low Cost
• Easy to Mount
• No Signal Adjustment
Required
• Small Size
• -40
°C to 100°C Operating
Temperature
• TTL Compatible
• Single 5 V Supply
Description
The HEDS-9000 Options T and U
and the HEDS-9100 Options B
and J are high resolution two
channel rotary incremental
encoder modules. These options
are an extension of our popular
HEDS-9000 and HEDS-9100
series. When used with a code-
wheel, these modules detect
relative rotary position. The
HEDS-9200 Option 300 and 360
are high resolution linear encoder
modules. When used with a
HEDS-9000/9100/9200
Extended Resolution
Series
codestrip, these modules detect
relative linear position.
These modules consist of a lensed
Light Emitting Diode (LED)
source and detector IC enclosed
in a small C shaped plastic
package. Due to a highly
collimated light source and
unique photodetector array, these
modules provide a highly reliable
quadrature output.
The HEDS-9000 and HEDS-9100
are designed for use with
codewheels which have an optical
radius of 23.36 mm and 11 mm
respectively. The HEDS-9200 is
designed for use with a linear
codestrip.
These components produce a two
channel quadrature output which
can be accessed through five
0.025 inch square pins located on
0.1 inch centers.
The resolution of the HEDS-9000
Options T and U are 2000 and
2048 counts per revolution
respectively. The HEDS-9100
Options B and J are 1000 and
1024 counts per revolution
respectively. The HEDS-9200
Option 300 and 360 linear
encoder modules have resolutions
of 300 and 360 lines per inch.
Consult local Agilent sales
representatives for other
resolutions.
Note: Agilent Technologies
encoders are not recommended
for use in safety critical
applications. Eg. ABS braking
systems, power steering, life
support systems and critical care
medical equipment. Please
contact sales representative if
more clarification is needed.
ESD WARNING: NORMAL HANDLING PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC
DISCHARGE.


Similar Part No. - HEDS-9100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9100 HP-HEDS-9100 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9100 AVAGO-HEDS-9100 Datasheet
112Kb / 4P
   Motion Sensing Products, Optical Encoder Modules
More results

Similar Description - HEDS-9100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9000 HP-HEDT-9000 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com