Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC4K11MF Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # EC4K11MF
Description  CMOS IC Amplifier IC for Condenser Microphone
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC4K11MF Datasheet(HTML) 1 Page - Sanyo Semicon Device

  EC4K11MF Datasheet HTML 1Page - Sanyo Semicon Device EC4K11MF Datasheet HTML 2Page - Sanyo Semicon Device EC4K11MF Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EC4K11MF
No. A0506-1/3
Features
High gain, high SNR, high input resistance, low voltage operation, low power consumption.
Ultrasmall package permitting applied sets to be small and slim.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Power Supply Voltage
VDD max
RL=2.2kΩ, Connection
4
V
Maximum Input Voltage
VIN max
--0.5 to +0.5
V
Allowable Power Dissipation
PD
100
mW
Storage Temperature
Tstg
--55 to +150
°C
Operating Temperature
Topr
--20 to +70
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Power Supply Voltage
VDDopr
2
3.6
V
Consumption Current
IDD
VDD=2.0V, VIN=0V, RL=2.2kΩ
140
170
200
µA
Input Capacitance
Ci
VDD=2.0V, f=1MHz
2.7
pF
[Ta=25˚C, VDD=2.V, RL=2.2kΩ, Ci=3pF, See specified Test Circuit.]
Voltage Gain
GV
f=1kHz, VIN=10mV
9.5
12
14
dB
Frequency Characteristics
∆GVf
f=1kHz to 100Hz
0
--1
dB
Total Harmonic Distortion
THD
f=1kHz, VIN=10mV
0.25
%
Output Noise Voltage
VNO
VIN=0V, A curve
--90
--84
dB
Marking : KD
SANYO Semiconductors
DATA SHEET
O0406IG MS IM TC-00000223
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
EC4K11MF
CMOS IC
Amplifier IC for Condenser Microphone
Ordering number : ENA0506


Similar Part No. - EC4K11MF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC40 3M-EC40 Datasheet
422Kb / 4P
   Scotch-Weld?줗eneral Purpose Instant Adhesives
logo
Extech Instruments Corp...
EC400 EXTECH-EC400 Datasheet
187Kb / 11P
   Conductivity / TDS / Salinity / Temperature Meter
EC400 EXTECH-EC400 Datasheet
183Kb / 1P
   ExStik II Conductivity Kit
logo
Vishay Siliconix
EC400-104 VISHAY-EC400-104 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
EC400-124 VISHAY-EC400-124 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
More results

Similar Description - EC4K11MF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75100M SANYO-LC75100M Datasheet
275Kb / 14P
   CMOS IC Digital Echo IC with Microphone Amplifier Circuit
LA74309TT SANYO-LA74309TT Datasheet
69Kb / 5P
   Monolithic Linear IC Microphone Amplifier for Digital Still Camera
logo
STMicroelectronics
AN1534 STMICROELECTRONICS-AN1534 Datasheet
72Kb / 4P
   TS971 based Electret Condenser Microphone amplifier
logo
Mitsumi Electronics, Co...
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
MM3018 MITSUMI-MM3018 Datasheet
92Kb / 8P
   IC for CMOS RegulatorReset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com