Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM800E6C-66H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # CM800E6C-66H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM800E6C-66H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  CM800E6C-66H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM800E6C-66H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM800E6C-66H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM800E6C-66H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM800E6C-66H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM800E6C-66H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM800E6C-66H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Jul. 2005
MITSUBISHI HVIGBT MODULES
CM800E6C-66H
HIGH POWER SWITCHING USE
INSULATED TYPE
3rd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
PERFORMANCE CURVES
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE (V)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-EMITTER VOLTAGE (V)
COLLECTOR CURRENT (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
EMITTER CURRENT (A)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
1000
1200
1400
1600
800
600
400
200
0
34
2
1
05
6
1000
1200
1400
1600
800
600
400
200
0
68
4
2
010
12
6
5
4
3
2
0
400
800
0
1200
1600
1
6
5
4
3
2
0
400
800
0
1200
1600
1
Tj = 25
°C
Tj = 125
°C
Tj = 25
°C
Tj = 125
°C
Tj = 25
°C
Tj = 125
°C
VCE = 20V
Tj = 125
°C
VGE = 10V
VGE = 8V
VGE = 12V
VGE = 20V
VGE = 15V
VGE = 15V


Similar Part No. - CM800E6C-66H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM800E2C-66H MITSUBISHI-CM800E2C-66H Datasheet
55Kb / 4P
   2nd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
CM800E2Z-66H MITSUBISHI-CM800E2Z-66H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE
More results

Similar Description - CM800E6C-66H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com