Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LM358
Description  Single Supply Dual Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LM358 Datasheet HTML 4Page - ON Semiconductor LM358 Datasheet HTML 5Page - ON Semiconductor LM358 Datasheet HTML 6Page - ON Semiconductor LM358 Datasheet HTML 7Page - ON Semiconductor LM358 Datasheet HTML 8Page - ON Semiconductor LM358 Datasheet HTML 9Page - ON Semiconductor LM358 Datasheet HTML 10Page - ON Semiconductor LM358 Datasheet HTML 11Page - ON Semiconductor LM358 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
8
R1
2
1
R1
TBP
R1 + R2
R1
R1 + R2
1
eo
e1
e2
eo = C (1 + a + b) (e2 − e1)
R1
a R1
b R1
R
C
R
+
1/2
LM358
+
+
R
1/2
LM358
+
R1
R2
VO
Vref
Vin
VOH
VO
VOL
VinL =
R1
(VOL − Vref)+ Vref
VinH =
(VOH − Vref) + Vref
H =
R1 + R2
(VOH − VOL)
R1
+
+
+
R
C
R2
R3
C1
100 k
R
C
R
C1
R2
100 k
Vin
Vref
Vref
Vref
Vref
Bandpass
Output
fo =
2
p
RC
R1 = QR
R2 =
R3 = TN R2
C1 = 10 C
1
Notch Output
Vref =VCC
Hysteresis
1/2
LM358
1/2
LM358
1
C
R
VinL
VinH
Vref
1/2
LM358
1/2
LM358
1/2
LM358
1/2
LM358
TBP = Center Frequency Gain
TN = Passband Notch Gain
R
C
R1
R2
R3
For:
+
fo
Q
TBP
TN
= 1.0 kHz
= 10
= 1
= 1
= 160 k
W
= 0.001
mF
= 1.6 M
W
= 1.6 M
W
= 1.6 M
W
Where:
MC1403
1/2
LM358
+
R1
VCC
VCC
VO
2.5 V
R2
50 k
10 k
Vref
Vref =
VCC
2
5.0 k
R
C
R
C
+
1/2
LM358
VO
2
p RC
1
For: fo = 1.0 kHz
R = 16 k
W
C = 0.01
mF
VO = 2.5 V (1 +
R1
R2
)
1
VCC
fo =
Figure 10. Voltage Reference
Figure 11. Wien Bridge Oscillator
Figure 12. High Impedance Differential Amplifier
Figure 13. Comparator with Hysteresis
Figure 14. Bi−Quad Filter


Similar Part No. - LM358

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
SHENZHEN FUMAN ELECTRON...
LM358 FUMAN-LM358 Datasheet
182Kb / 3P
   Dual operational amplifier
logo
Intersil Corporation
LM358 INTERSIL-LM358 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
STMicroelectronics
LM358 STMICROELECTRONICS-LM358 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
Rev 3 July 2005
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
485Kb / 5P
   Low Power Dual Operational Amplifier Large DC voltage gain: 100dB
More results

Similar Description - LM358

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com