Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0070CF51554T Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # SF0070CF51554T
Description  70 MHz Filter 6.0 MHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0070CF51554T Datasheet(HTML) 2 Page - Integrated Circuit Systems

  SF0070CF51554T Datasheet HTML 1Page - Integrated Circuit Systems SF0070CF51554T Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70 MHz Filter
6.0 MHz Bandwidth
Part Number SF0070CF51554T
Micro Networks., 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Micro Networks
Worldwide Headquarters: 324 Clark Street Worcester, MA 01606. tel: 508-852-5400 fax: 508-852-8456
European Sales Headquarters: Hertosingel 20 6214 AD Maastricht, Netherlands. tel: +31-43-32-70912 fax: +31-43-32-70715
www.micronetworks.com
Rev 1.0 17-Dec-02
Page 2 of 2
PACKAGE OUTLINE
Units: mm
Pin Configuration:
Input:
14
Input Return:
1
Output:
8
Output Return: 7
Ground:
2, 9
MATCHING CIRCUIT
Component values:
Ls1 = 270 nH
Cp1 = 39 pF
(Minimum Q = 45)
Ls2 = 300 nH
Cp2 = 47 pF
Notes
1. Recommend use of 2% tolerance components.
2: Optimum Values depend on board layout. Values intended as guide only.
ISO 9001
Registered
Ls2
Ls1
14
8
1
7
Cp1
Cp2


Similar Part No. - SF0070CF51554T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CF51554T APITECH-SF0070CF51554T Datasheet
205Kb / 2P
   70 MHz Filter 6.0 MHz Bandwidth
More results

Similar Description - SF0070CF51554T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CF51554T APITECH-SF0070CF51554T Datasheet
205Kb / 2P
   70 MHz Filter 6.0 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51842T ICST-SF0070CF51842T Datasheet
185Kb / 2P
   70 MHz Filter 12 MHz Bandwidth
SF0070BA03039S ICST-SF0070BA03039S Datasheet
272Kb / 2P
   70 MHz Filter 20 MHz Bandwidth
logo
API Technologies Corp
SF0070CF51846T APITECH-SF0070CF51846T Datasheet
191Kb / 2P
   70 MHz Filter 16 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51543T ICST-SF0070CF51543T Datasheet
136Kb / 2P
   70 MHz Filter 0.7 MHz Bandwidth
SF0070BA03047S ICST-SF0070BA03047S Datasheet
225Kb / 2P
   70 MHz Filter 1 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03051S APITECH-SF0070BA03051S Datasheet
255Kb / 2P
   70 MHz Filter 3 MHz Bandwidth
SF0070BA03048S APITECH-SF0070BA03048S Datasheet
143Kb / 2P
   70 MHz Filter 1.5 MHz Bandwidth
SF0070BA03067S APITECH-SF0070BA03067S Datasheet
247Kb / 2P
   70 MHz Filter 40 MHz Bandwidth
SF0070BA03064S APITECH-SF0070BA03064S Datasheet
259Kb / 2P
   70 MHz Filter 24 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com