Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0140BA01990S Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # SF0140BA01990S
Description  140 MHz Filter 24 MHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0140BA01990S Datasheet(HTML) 1 Page - Integrated Circuit Systems

  SF0140BA01990S Datasheet HTML 1Page - Integrated Circuit Systems SF0140BA01990S Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
140 MHz Filter
24 MHz Bandwidth
Part Number
SF0140BA01990S
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Rev X6 28-Aug-03
Page 1 of 2
TYPICAL PERFORMANCE
Horizontal: 10 MHz/div
Vertical (from top):
Magnitude
10 dB/div
Magnitude
1 dB/div
Phase Deviation
5 deg/div
Group Delay Variation 100 ns/div
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
139.6
140.00
140.4
MHz
Insertion Loss
11.5
13.0
dB
1 dB Bandwidth
22.0
22.8
MHz
3 dB Bandwidth
23.9
24.2
MHz
30 dB Bandwidth
28.3
30.0
MHz
35 dB Bandwidth
33.5
MHz
Passband Ripple
0.4
1.0
dB
Phase Deviation from Linear
2
3
14
deg
Group Delay Variation
2
30
100
ns
Absolute Delay
0.85
µs
Substrate
LiNbO3
-
Temperature Coefficient of Frequency (Tc)
3
-90
ppm/°C
Ambient Temperature
25
°C
System Source and Load Impedance
50
Notes: 1. Average of lower & upper 3 dB frequencies.
2. Evaluated over 80% of the 3 dB bandwidth.
3. Typical change of filter frequency response with temperature is ∆f/fref = (T-Tref)*Tc ppm.


Similar Part No. - SF0140BA01990S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0140BA01990S APITECH-SF0140BA01990S Datasheet
250Kb / 2P
   140 MHz Filter 24 MHz Bandwidth
More results

Similar Description - SF0140BA01990S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140CF51933T ICST-SF0140CF51933T Datasheet
210Kb / 2P
   140 MHz Filter 24 MHz Bandwidth
logo
API Technologies Corp
SF0140CF51933T APITECH-SF0140CF51933T Datasheet
214Kb / 2P
   140 MHz Filter 24 MHz Bandwidth
SF0140BA01990S APITECH-SF0140BA01990S Datasheet
250Kb / 2P
   140 MHz Filter 24 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140CF51917T ICST-SF0140CF51917T Datasheet
208Kb / 2P
   140 MHz Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0140BA03073S APITECH-SF0140BA03073S Datasheet
250Kb / 2P
   140 MHz Filter 18 MHz Bandwidth
SF0140CF51917T APITECH-SF0140CF51917T Datasheet
211Kb / 2P
   140 MHz Filter 8 MHz Bandwidth
SF0140CF51947T APITECH-SF0140CF51947T Datasheet
224Kb / 2P
   140 MHz Filter 56 MHz Bandwidth
SF0140CF51943T APITECH-SF0140CF51943T Datasheet
219Kb / 2P
   140 MHz Filter 44 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140BA03073S ICST-SF0140BA03073S Datasheet
249Kb / 2P
   140 MHz Filter 18 MHz Bandwidth
SF0140CF51935T ICST-SF0140CF51935T Datasheet
218Kb / 2P
   140 MHz Filter 28 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com