Selected language     English  ▼


M54530P_99 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M54530P_99
Description  7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 1 page
background image
Aug. 1999
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54530P/FP
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DESCRIPTION
M54530P and M54530FP are seven-circuit Darlington tran-
sistor arrays with clamping diodes. The circuits are made of
NPN transistors. Both the semiconductor integrated circuits
perform high-current driving with extremely low input-current
supply.
FEATURES
High breakdown voltage (BVCEO
≥ 40V)
High-current driving (Ic(max) = 400mA)
With clamping diodes
Driving available with PMOS IC output
Wide operating temperature range (Ta = –20 to +75
°C)
APPLICATION
Drives of relays and printers, digit drives of indication ele-
ments (LEDs and lamps), and MOS-bipolar logic IC inter-
faces
FUNCTION
The M54530P and M54530FP each have seven circuits con-
sisting of NPN Darlington transistors. These ICs have resis-
tance of 20k
Ω between input transistor bases and input pins.
A spike-killer clamping diode is provided between each out-
put pin (collector) and COM pin (pin 9). The output transistor
emitters are all connected to the GND pin (pin 8).
The collector current is 400mA maximum. Collector-emitter
supply voltage is 40V maximum.
The M54530FP is enclosed in a molded small flat package,
enabling space-saving design.
CIRCUIT DIAGRAM
V
mA
V
mA
V
W
°C
°C
–0.5 ~ +40
400
–0.5 ~ +40
400
40
1.47(P)/1.00(FP)
–20 ~ +75
–55 ~ +125
VCEO
IC
VI
IF
VR
Pd
Topr
Tstg
20K
2K
20K
COM
GND
INPUT
OUTPUT
The diode, indicated with the dotted line, is parasitic, and cannot
be used.
Unit :
The seven circuits share the COM and GND.
Ratings
Symbol
Parameter
Conditions
Unit
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
Collector-emitter voltage
Collector current
Input voltage
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
1
IN1
IN2
IN3
IN4
IN5
IN6
IN7
→COM COMMON
GND
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
→O7
→O6
→O5
→O4
→O3
→O2
→O1 
16P4(P)
Package type 16P2N-A(FP)
INPUT
OUTPUT




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M63826P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54525AGP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
6507AIsolated Diode Array with HiRel MQ MX MV and SP Screening Options 1 2 Microsemi Corporation
IRG4BC10SD-SINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
6508AIsolated Diode Array with HiRel MQ MX MV and SP Screening Options 1 2 Microsemi Corporation
IRG4BC10KDPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRG4BC15MDPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRGB4045DPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
6509AIsolated Diode Array with HiRel MQ MX MV and SP Screening Options 1 2 Microsemi Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl