Selected language     English  ▼


M54531P_99 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M54531P_99
Description  7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54531P/FP
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
101
103
VCE = 4V
Ta = 25°C
Ta = 75°C
Ta = –20°C
5
3
2
7
104
5
3
2
7
103
102
23
5
7
102
23
5
7
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
0
VCE = 4V
Ta = 75°C
Ta = –20°C
Ta = 25°C
100
200
300
400
0
12
3
4
Input Characteristics
Input voltage VI (V)
0
Ta = 25°C
Ta = 75°C
Ta = –20°C
0.5
1.0
1.5
2.0
0
5
101520
25
Clamping Diode Characteristics
Forward bias voltage VF (V)
0
0
100
200
Ta = –20°C
Ta = 25°C
Ta = 75°C
300
400
0.5
1.0
1.5
2.0




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M54530P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63826P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54525AGP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
6506AIsolated Diode Array with HiRel MQ MX MV and SP Screening Options 1 2 Microsemi Corporation
IRG4BC10SDINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
6507AIsolated Diode Array with HiRel MQ MX MV and SP Screening Options 1 2 Microsemi Corporation
IRG4BC10SD-SINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
6508AIsolated Diode Array with HiRel MQ MX MV and SP Screening Options 1 2 Microsemi Corporation
IRG4BC10KDPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl