Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54566FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M54566FP
Description  7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54566FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54566FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54566FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54566FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54566FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Aug. 1999
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54566P/FP
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
DESCRIPTION
M54566P and M54566FP are seven-circuit collector-current-
synchronized Darlington transistor arrays. The circuits are
made of PNP and NPN transistors. Both the semiconductor
integrated circuits perform high-current driving with ex-
tremely low input-current supply.
FEATURES
High breakdown voltage (BVCEO
≥ 50V)
High-current driving (Ic(max) = 400mA)
Active L-level input
Wide operating temperature range (Ta = –20 to +75
°C)
APPLICATION
Interfaces between microcomputers and high-voltage, high-
current drive systems, drives of relays and printers, and
MOS-bipolar logic IC interfaces
FUNCTION
The M54566 is produced by adding PNP transistors to
M54222 inputs. Seven circuits having active L-level inputs
are provided.
Resistance of 8k
Ω is provided between each input and PNP
transistor base. The input emitters are connected to VCC pin
(pin 9). Output transistor emitters are all connected to the
GND pin (pin 8).
Collector current is 400mA maximum. Collector-emitter sup-
ply voltage is 50V maximum.
These ICs are optimal for drivers that are driven with N-MOS
IC output and absorb collector current.
The M54566FP is enclosed in a molded small flat package,
enabling space-saving design.
CIRCUIT DIAGRAM
10
–0.5 ~ +50
400
–0.5 ~ VCC
1.47(P)/1.00(FP)
–20 ~ +75
–55 ~ +125
V
V
mA
V
W
°C
°C
20K
2.7K
7.2K
3K
8K
GND
VCC
INPUT
OUTPUT
The diode, indicated with the dotted line, is parasitic, and cannot
be used.
Unit :
The seven circuits share the VCC and GND.
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
Ratings
Unit
Symbol
Parameter
Conditions
Supply voltage
Collector-emitter voltage
Collector current
Input voltage
Power dissipation
Operating temperature
Storage temperature
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
VCC
VCEO
IC
VI
Pd
Topr
Tstg
1
IN1
IN2
IN3
IN4
IN5
IN6
IN7
VCC
GND
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
→O7
→O6
→O5
→O4
→O3
→O2
→O1 
16P4(P)
Package type 16P2N-A(FP)
INPUT
OUTPUT


Similar Part No. - M54566FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54566DP MITSUBISHI-M54566DP Datasheet
163Kb / 5P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M54566P MITSUBISHI-M54566P Datasheet
95Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54566WP MITSUBISHI-M54566WP Datasheet
80Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
More results

Similar Description - M54566FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54519P MITSUBISHI-M54519P Datasheet
84Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M54566DP MITSUBISHI-M54566DP Datasheet
163Kb / 5P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M54517P MITSUBISHI-M54517P Datasheet
100Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54566WP MITSUBISHI-M54566WP Datasheet
80Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
logo
Sharp Corporation
IR2403 SHARP-IR2403 Datasheet
64Kb / 2P
   7- UNIT 400MA DARLINGTON TRANSISTOR ARRAY
logo
Mitsubishi Electric Sem...
M54566P MITSUBISHI-M54566P Datasheet
95Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531WP MITSUBISHI-M54531WP Datasheet
67Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P_99 Datasheet
75Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com