Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54585KP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M54585KP
Description  8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54585KP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54585KP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54585KP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54585KP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54585KP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Jan. 2000
Unit :
The eight circuits share the COM and GND.
The diode, indicated with the dotted line, is parasitic, and cannot
be used.
INPUT
OUTPUT
GND
2.7k
3k
7.2k
COM
IN7
→O7
10
IN5
→O5
5
12
INPUT
OUTPUT
IN4→
→O4
4
13
IN3
→O3
3
14
IN2→
→O2
15
2
IN1
→O1
16
7
8
IN6→
→O6
6
11
→COM COMMON
GND
9
17
18
IN8 →
→O8
1
20
19
NC
NC
NC : No connection
Package type 20P2E-A
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54585KP
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
PIN CONFIGURATION
DESCRIPTION
M54585KP is eight-circuit Darlington transistor arrays with
clamping diodes. The circuits are made of NPN transistors.
Both the semiconductor integrated circuits perform high-cur-
rent driving with extremely low input-current supply.
FEATURES
q High breakdown voltage (BVCEO
≥ 50V)
q
High-current driving (IC(max) = 500mA)
q With clamping diodes
q
Driving available with TTL output or with PMOS IC output
q
With shrink small outline package
APPLICATION
Drives of relays and printers, digit drives of indication ele-
ments such as LEDs and lamps, and MOS-bipolar logic IC
interfaces
FUNCTION
The M54585KP has eight circuits, which are NPN Darlington
transistors. Input transistors have resistance of 2.7k
Ω be-
tween the base and input pin. A spike-killer clamping diode
is provided between each output pin and GND. Output tran-
sistor emitters are all connected to the GND pin.
Collector current is 500mA maximum. The maximum collec-
tor-emitter voltage is 50V.
CIRCUIT DIAGRAM
Collector-emitter voltage
Collector current
Input voltage
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
V
mA
V
mA
V
W
°C
°C
–0.5 ~ +50
500
–0.5 ~ +30
500
50
0.68
–20 ~ +75
–55 ~ +125
Ratings
Symbol
Parameter
Conditions
Unit
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
VCEO
IC
VI
IF
VR
Pd
Topr
Tstg


Similar Part No. - M54585KP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results

Similar Description - M54585KP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
   8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54587P MITSUBISHI-M54587P Datasheet
44Kb / 5P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585P MITSUBISHI-M54585P Datasheet
73Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP_06 Datasheet
75Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com