Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63805KP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M63805KP
Description  8-UNIT 300mA TRANSISTOR ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63805KP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M63805KP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63805KP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63805KP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63805KP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63805KP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Jan. 2000
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
M63805P
M63805FP
M63805KP
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63805P/FP/KP
8-UNIT 300mA TRANSISTOR ARRAY
Duty Cycle no more than 50%
Duty Cycle no more than 100%
Duty Cycle no more than 30%
Duty Cycle no more than 100%
Duty Cycle no more than 12%
Duty Cycle no more than 100%
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –40 ~ +85
°C)
V (BR) CEO
VIN(on)
hFE
V
V
35
13
50
19
0.2
0.8
23
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
V
Collector-emitter breakdown voltage
“On” input voltage
DC amplification factor
ICEO = 10
µA
IIN = 1mA, IC = 10mA
IIN = 2mA, IC = 150mA
IIN = 1mA, IC = 10mA
VCE = 10V, IC = 10mA
VCE(sat)
Collector-emitter saturation voltage
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
VO
V
0
0
0
0
0
0
0
0
35
250
170
250
130
250
100
30
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
Output voltage
mA
V
IC
VIN
Input voltage
Collector current
(Current per 1 cir-
cuit when 8 circuits
are coming on si-
multaneously)
M63805P
M63805FP
M63805KP
ns
ns
140
240
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
Turn-on time
Turn-off time
ton
toff
CL = 15pF (note 1)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
Collector-emitter voltage
Collector current
Input voltage
Power dissipation
Operating temperature
Storage temperature
V
mA
V
W
°C
°C
–0.5 ~ +35
300
–0.5 ~ +35
1.79
1.10
0.68
–40 ~ +85
–55 ~ +125
Ratings
Symbol
Parameter
Conditions
Unit
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –40 ~ +85
°C)
Output, H
Current per circuit output, L
VCEO
IC
VI
Pd
Topr
Tstg
Ta = 25
°C, when mounted
on board


Similar Part No. - M63805KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63802FP MITSUBISHI-M63802FP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802GP MITSUBISHI-M63802GP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802KP MITSUBISHI-M63802KP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
More results

Similar Description - M63805KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63806P MITSUBISHI-M63806P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M63807P MITSUBISHI-M63807P Datasheet
67Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63803P MITSUBISHI-M63803P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63804P MITSUBISHI-M63804P Datasheet
55Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com