Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63807FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M63807FP
Description  8-UNIT 300mA TRANSISTOR ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63807FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M63807FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63807FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63807FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63807FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63807FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Jan. 2000
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Duty Cycle-Collector Characteristics
(M63807FP)
Duty cycle (%)
Duty Cycle-Collector Characteristics
(M63807FP)
Duty Cycle-Collector Characteristics
(M63807KP)
Duty cycle (%)
400
300
200
100
0
0
100
20
40
60
80
400
300
200
100
0
0
100
20
40
60
80
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
250
200
150
100
50
0
0
0.2
0.4
0.6
0.8
100
80
60
40
20
0
0
0.05
0.10
0.15
0.20
Duty Cycle-Collector Characteristics
(M63807KP)
Duty cycle (%)
Duty cycle (%)
400
300
200
100
0
0
100
20
40
60
80
400
300
200
100
0
0
100
20
40
60
80
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the value of
the simultaneously-operated circuit.
•Ta = 25
°C
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the value of
the simultaneously-operated circuit.
•Ta = 85
°C
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the value of
the simultaneously-operated circuit.
•Ta = 25
°C
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the value of
the simultaneously-operated circuit.
•Ta = 85
°C
Ta = 25
°C
IB = 3mA
IB = 2mA
IB = 1.5mA
IB = 1mA
IB = 0.5mA
Ta = 25
°C VI = 28V
VI = 24V
VI = 20V
VI = 8V
VI = 12V
VI = 16V
Œ~Ž

‘
’
“

Œ

Ž


‘ ’
“
Œ~


‘
“
’
Ž
Œ

Ž


‘
’
“
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63807P/FP/KP
8-UNIT 300mA TRANSISTOR ARRAY


Similar Part No. - M63807FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63802FP MITSUBISHI-M63802FP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802GP MITSUBISHI-M63802GP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802KP MITSUBISHI-M63802KP Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
More results

Similar Description - M63807FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63806P MITSUBISHI-M63806P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M63805P MITSUBISHI-M63805P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63803P MITSUBISHI-M63803P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63804P MITSUBISHI-M63804P Datasheet
55Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com