Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63812KP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M63812KP
Description  7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63812KP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M63812KP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63812KP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63812KP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63812KP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63812KP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Jan. 2000
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63812P/FP/GP/KP
7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Duty Cycle-Collector Characteristics
(M63812GP/KP)
Duty cycle (%)
Duty Cycle-Collector Characteristics
(M63812GP/KP)
Duty cycle (%)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
400
300
200
100
0
0
100
20
40
60
80
1~2
4
5
6
7
3
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value the circle represents the value of
the simultaneously-operated circuit.
Ta = 25
°C
400
300
200
100
0
0
100
20
40
60
80
1
2
3
4
56
7
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value the circle represents the value of
the simultaneously-operated circuit.
Ta = 85
°C
250
200
150
100
50
0
0
0.2
0.4
0.6
0.8
Ta = 25
°C
IB = 0.5mA
IB = 1mA
IB = 1.5mA
IB = 3mA
IB = 2mA
100
80
60
40
20
0
0
0.05
0.10
0.15
0.20
Ta = 25
°C
VI = 12V
VI = 16V
VI = 20V
VI = 24V
VI = 32V
VI = 28V
100
80
60
40
20
0
0
0.05
0.10
0.15
0.20
Ta = 85
°C
II = 2mA
Ta = 25
°C
Ta = –40
°C
100
101
102
101
102
103
23
5 7
2 3
5 7
2
3
5
7
2
3
5
7
103
23
5 7
VCE 10V
Ta = 25
°C


Similar Part No. - M63812KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63813FP MITSUBISHI-M63813FP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813GP MITSUBISHI-M63813GP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813KP MITSUBISHI-M63813KP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813P MITSUBISHI-M63813P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63814FP MITSUBISHI-M63814FP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M63812KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813P MITSUBISHI-M63813P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63803P MITSUBISHI-M63803P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63804P MITSUBISHI-M63804P Datasheet
55Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com