Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63814KP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M63814KP
Description  7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63814KP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M63814KP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63814KP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63814KP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63814KP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63814KP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Jan. 2000
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63814P/FP/GP/KP
7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Duty Cycle-Collector Characteristics
(M63814GP/KP)
Duty cycle (%)
Duty Cycle-Collector Characteristics
(M63814GP/KP)
Duty cycle (%)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
400
300
200
100
0
0
100
20
40
60
80
1~2
4
5
6
7
3
400
300
200
100
0
0
100
20
40
60
80
1
2
3
4
56
7
250
200
150
100
50
0
0
0.2
0.4
0.6
0.8
100
80
60
40
20
0
0
0.05
0.10
0.15
0.20
100
80
60
40
20
0
0
0.05
0.10
0.15
0.20
100
101
102
101
102
103
23
5 7
2 3 5 7
2
3
5
7
2
3
5
7
103
23
5 7
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value the circle represents the value of
the simultaneously-operated circuit.
Ta = 25
°C
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value the circle represents the value of
the simultaneously-operated circuit.
Ta = 85
°C
Ta = 25
°C
IB = 3mA
IB = 2mA
IB = 1.5mA
IB = 1mA
IB = 0.5mA
Ta = 25
°C VI = 28V
VI = 24V
VI = 20V
VI = 16V
VI = 12V
VI = 8V
II = 2mA
Ta = –40
°C
Ta = 25
°C
Ta = 85
°C
Ta = 25
°C
VCE 10V


Similar Part No. - M63814KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63812FP MITSUBISHI-M63812FP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812GP MITSUBISHI-M63812GP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812KP MITSUBISHI-M63812KP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813FP MITSUBISHI-M63813FP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M63814KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813P MITSUBISHI-M63813P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63803P MITSUBISHI-M63803P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63804P MITSUBISHI-M63804P Datasheet
55Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com