Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63815KP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M63815KP
Description  8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63815KP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M63815KP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63815KP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63815KP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63815KP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63815KP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Jan. 2000
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
ton
toff
50%
50%
50%
50%
INPUT
OUTPUT
(1)Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, Zo = 50Ω, VIH = 18V
(2)Input-output conditions : RL = 220
Ω, Vo = 35V
(3)Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
PG
50
RL
OUTPUT
INPUT
Vo
CL
OPEN
Measured device
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63815P/FP/KP
8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
TYPICAL CHARACTERISTICS
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
Thermal Derating Factor Characteristics
Ambient temperature Ta (
°C)
Input Characteristics
Input voltage VI (V)
Duty Cycle-Collector Characteristics
(M63815P)
Duty cycle (%)
Duty Cycle-Collector Characteristics
(M63815P)
Duty cycle (%)
2.0
1.5
1.0
0.5
0
0
25
50
75
100
85
0
100
20
40
60
80
400
300
200
100
0
6
7
8
1~5
400
300
200
100
0
0
100
20
40
60
80
1~3
4
5
6
7
8
M63815P
M63815FP
M63815KP
0.931
0.572
0.354
4
3
2
1
0
030
25
20
15
10
5
Ta = –40
°C
Ta = 25
°C
Ta = 85
°C
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value the circle represents the value of
the simultaneously-operated circuit.
Ta = 25
°C
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value the circle represents the value of
the simultaneously-operated circuit.
Ta = 85
°C


Similar Part No. - M63815KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63812FP MITSUBISHI-M63812FP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812GP MITSUBISHI-M63812GP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812KP MITSUBISHI-M63812KP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813FP MITSUBISHI-M63813FP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M63815KP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63813P MITSUBISHI-M63813P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63806P MITSUBISHI-M63806P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63805P MITSUBISHI-M63805P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M63807P MITSUBISHI-M63807P Datasheet
67Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com