Selected language     English  ▼


M63827WP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M63827WP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 2 page
background image
Feb. 2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63827WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –40 ~ +85
°C)
V
V
VO
VIL
0
3.85
3.4
0
50
0.6
IC
VIH
0
0
400
200
25
mA
V
V
V
µA
ICEO = 100
µA
II = 500
µA, IC = 350mA
II = 350
µA, IC = 200mA
II = 250
µA, IC = 100mA
VI = 3.85V
IF = 350mA
VR = 50V
VCE = 2V, IC = 350mA
II
VCE (sat)
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
50
1000
1.2
1.0
0.9
0.9
1.4
3000
1.6
1.3
1.1
1.4
2.0
100
V
mA
ns
ns
20
400
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
PG
50
CL
Measured device
OPEN
VO
RL
INPUT
OUTPUT
(1) Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, ZO = 50Ω
VI = 3.85V
(2) Input-output conditions : RL = 25
Ω, VO = 10V
(3) Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
ton
50%
50%
50%
50%
toff
INPUT
OUTPUT
Limits
min
typ
max
Unit
Parameter
Symbol
Duty Cycle
WP : no more than 8%
DP : no more than 5%
Duty Cycle
WP : no more thn 30%
DP : no more than 20%
“L” input voltage
“H” input voltage
Collector current
(Current per 1 cir-
cuit when 7 circuits
are coming on si-
multaneously)
Output voltage
IC
≤ 400mA
IC
≤ 200mA
Collector-emitter breakdown voltage
Clamping diode forward voltage
Clamping diode reverse current
DC amplification factor
V (BR) CEO
VF
IR
hFE
Collector-emitter saturation voltage
Input current
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
Turn-on time
Turn-off time
ton
toff
CL = 15pF (note 1)
Taiwan A’ssy product




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M63800FP7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54530P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54531P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63812P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63813P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63814P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63826P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54525AGP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63823P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63824GP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl