Selected language     English  ▼


M63827WP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M63827WP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 4 page
background image
Feb. 2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63827WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
101
103
5
3
2
7
104
5
3
2
7
103
102
23
5
7
102
23
5
7
0
100
200
300
500
400
0
0.4
0.8
1.2
2.0
1.6
2.4
0
1
2
3
4
0
12
3
4
5
0
0
4
8
12
16
510
15
20
25
0
0
100
200
300
400
500
0.4
0.8
1.2
1.6
0
0
20
40
60
80
100
0.2
0.4
0.8
0.6
1.0
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
Input Characteristics
Input voltage VI (V)
Input Characteristics
Input voltage VI (V)
Il=500
m A
Il=500
m A
Ta=–40
°C
Ta=25
°C
Ta=85
°C
VCE = 2V
Ta = 85
°C
Ta = –40
°C
Ta = 85
°C
Ta = 25
°C
Ta = –40
°C
Ta = 25
°C
Ta = 25
°C
Ta = 85
°C
Ta = –40
°C
Ta = –40
°C
Ta = 25
°C
Ta = 85
°C
Ta=–40
°C
Ta=25
°C
Ta=85
°C
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
Taiwan A’ssy product




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M63800FP7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54530P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54531P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63812P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63813P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63814P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63826P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54525AGP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63823P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63824GP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl