Selected language     English  â–¼


M63827WP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. M63827WP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 6 page
background image
Feb. 2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63827WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
16P2X-B
PACKAGE TYPE :
16P2X-B 16PIN PLASTIC MOLD SMALL OUTLINE PACKAGE
Dimension in mm
A
A1
A2
b
c
D
E
HE
L
y
b2
l2
b
D
y
b2
Recommended Mount Pad
Symbol
Dimension in Millimeters
Min
Nom
Max
0.1
0.402
0.19
9.8
3.81
5.79
0.37
1.27
5.72
0.76
0
8
0.1
0.71
1.27
5.99
6.2
1.27
3.91
3.99
9.91
10.01
0.2
0.25
0.41
1.45
0.175
0.42
0.25
1.73
e
e1
e
e
A
A1
A2
c
F
Detail F
1.47
1.6
Taiwan A’ssy product




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M63800FP7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54530P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54531P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63812P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63813P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63814P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63826P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54525AGP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63823P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63824GP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl