Selected language     English  ▼


M63827WP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M63827WP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 1 page
background image
Feb. 2003
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63827WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DESCRIPTION
M63827WP and M63827DP are seven-circuit Darlington
transistor arrays with clamping diodes. The circuits are made
of NPN transistors. Both the semiconductor integrated cir-
cuits perform high-current driving with extremely low input-
current supply.
FEATURES
Two package configurations (WP/DP)
High breakdown voltage (BVCEO
≥ 50V)
High-current driving (Ic(max) = 500mA)
With clamping diodes
Driving available with TTL, PMOS IC output
Wide operating temperature range (Ta = –40 to +85
°C)
APPLICATION
Drives of relays and printers, digit drives of indication ele-
ments (LEDs and lamps), and MOS-bipolar logic IC inter-
faces
FUNCTION
The M63827WP and M63827DP each have seven circuits
consisting of NPN Darlington transistors. These ICs have re-
sistance of 2.7k
Ω between input transistor bases and input
pins. A spike-killer clamping diode is provided between each
output pin (collector) and COM pin (pin 9). The output tran-
sistor emitters are all connected to the GND pin (pin 8).
The collector current is 500mA maximum. Collector-emitter
supply voltage is 50V maximum.
CIRCUIT DIAGRAM
V
mA
V
mA
V
W
°C
°C
–0.5 ~ +50
500
–0.5 ~ +30
500
50
1.47(WP)/1.00(DP)
–40 ~ +85
–55 ~ +125
VCEO
IC
VI
IF
VR
Pd
Topr
Tstg
7.2K
3K
2.7K
COM
GND
INPUT
OUTPUT
The diode, indicated with the dotted line, is parasitic, and cannot
be used.
Unit :
The seven circuits share the COM and GND.
Ratings
Symbol
Parameter
Conditions
Unit
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –40 ~ +85
°C)
Collector-emitter voltage
Collector current
Input voltage
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
1
IN1
IN2
IN3
IN4
IN5
IN6
IN7
COM COMMON
GND
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
→O7
→O6
→O5
→O4
→O3
→O2
→O1 
16P4X-A(WP)
Package type 16P2X-B(DP)
INPUT
OUTPUT
Taiwan A’ssy product




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M63800FP7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54530P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54531P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63812P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63813P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63814P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63826P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54525AGP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63823P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63824GP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl