Selected language     English  ▼


M63828WP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M63828WP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 3 page
background image
Feb. 2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63828WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
TYPICAL CHARACTERISTICS
0
0
0.5
1.0
1.5
2.0
25
50
75 85
100
0
0
100
200
Ta = –40
°C
Ta = 85
°C
Ta = 25
°C
300
400
500
0.4
0.8
1.2
1.6
0
0
100
200
300
400
500
q
w
e
r
t
y
u
20
40
60
80
100
0
0
100
200
300
400
500
q
w
e
r
t
y
u
20
40
60
80
100
0
0
100
200
300
400
500
q
w
e
r
t
y
u
20
40
60
80
100
0
0
100
200
300
400
500
q
w
e
r
t
y
u
20
40
60
80
100
M63828WP
M63828DP
0.764
0.520
Thermal Derating Factor Characteristics
Ambient temperature Ta (
°C)
Clamping Diode Characteristics
Forward bias voltage VF (V)
Duty-Cycle-Collector Characteristics
(M63828WP)
Duty cycle (%)
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25
°C
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25
°C
Duty-Cycle-Collector Characteristics
(M63828DP)
Duty cycle (%)
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 85
°C
Duty-Cycle-Collector Characteristics
(M63828WP)
Duty cycle (%)
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 85
°C
Duty-Cycle-Collector Characteristics
(M63828DP)
Duty cycle (%)
Taiwan A’ssy product




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M63800FP7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63827WP7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M54530P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54531P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63812P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63813P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63826P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63814P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M54525AGP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63823P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl