Selected language     English  ▼


M63828WP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M63828WP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 4 page
background image
Feb. 2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63828WP/DP
7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Taiwan A’ssy product
101
103
5
3
2
7
104
5
3
2
7
103
102
23
5
7
102
23
5
7
0
0
100
200
300
400
500
0.4
0.8
1.2
1.6
0
0
20
40
60
80
100
0.2
0.4
0.8
0.6
1.0
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
Input Characteristics
Input voltage VI (V)
Il=500
m A
Il=500
m A
Ta=–40
°C
Ta=25
°C
Ta=85
°C
VCE = 2V
Ta = 85
°C
Ta = –40
°C
Ta = 25
°C
Ta=–40
°C
Ta=25
°C
Ta=85
°C
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
0
100
200
300
500
400
0
12
3
4
0
1
2
3
4
0
5
101520
25
Ta = 85
°C
Ta = 25
°C
Ta = –40
°C
Ta = 25
°C
Ta = 85
°C
Ta = –40
°C




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M63800FP7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63827WP7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M54530P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54531P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63812P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63813P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63826P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63814P7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M54525AGP7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63823P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl