Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK4097LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK4097LS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK4097LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK4097LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK4097LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK4097LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK4097LS Datasheet HTML 4Page - Sanyo Semicon Device 2SK4097LS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SK4097LS
No. A0775-3/5
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Gate-to-Source Voltage, VGS -- V
ID -- VDS
ID -- VGS
RDS(on) -- VGS
RDS(on) -- Tc
IS -- VSD
yfs -- ID
Drain Current, ID -- A
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
IT12375
IT12372
--50
--25
150
IT12377
IT12376
0.1
23
5
7
1.0
3
1.4
0.8
1.0
1.2
0.4
0.6
0.2
0.01
0.1
5
7
3
2
2
1.0
5
7
3
2
10
5
7
3
2
5
3
7
5
2
3
2
7
10
5
2
1.0
32
3
57
10
025
50
75
100
125
25
°C
75
°C
Tc= --25
°C
ID=5A
--25
°C
25°C
Tc=75°C
Tc=
--25
°C
25°
C
75°
C
VDS=10V
IT12379
020
10
30
100
2
3
10
5
2
7
1000
3
5
2
3
5
7
f=1MHz
10
515
20
30
25
0
0
5
30
15
10
20
25
IT12374
5.5
6.0
6.5
7.0
7.5
10.0
8.0
8.5
9.0
9.5
5.0
0
0.2
0.4
2.0
0.8
1.6
1.2
0.6
1.0
1.8
1.4
0
0.2
0.4
1.6
1.0
1.2
1.4
0.8
0.6
IT12373
6
4
28
10
20
12
14
16
18
0
0
5
30
15
20
25
10
Tc=25
°C
VGS=5V
10V
15V
VDS=20V
V GS
=10V
, I D
=5
A
8V
50
40
Ciss
Crss
Coss
0.1
1.0
2
23
5
2
3
5
7
10
35
7
100
10
7
5
3
2
7
3
5
2
IT12378
td(off)
td(on)
VDD=200V
VGS=10V
tf
t r
6V
VGS=0V


Similar Part No. - 2SK4097LS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK4097LS ISC-2SK4097LS Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK4097LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com