Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0103MA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # Z0103MA
Description  Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0103MA Datasheet(HTML) 3 Page - NXP Semiconductors

  Z0103MA Datasheet HTML 1Page - NXP Semiconductors Z0103MA Datasheet HTML 2Page - NXP Semiconductors Z0103MA Datasheet HTML 3Page - NXP Semiconductors Z0103MA Datasheet HTML 4Page - NXP Semiconductors Z0103MA Datasheet HTML 5Page - NXP Semiconductors Z0103MA Datasheet HTML 6Page - NXP Semiconductors Z0103MA Datasheet HTML 7Page - NXP Semiconductors Z0103MA Datasheet HTML 8Page - NXP Semiconductors Z0103MA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Z0103/07/09 series
Triacs
Product data
Rev. 02 — 12 September 2002
3 of 12
9397 750 10102
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
α = conduction angle
n = number of cycles at f = 50 Hz
Fig 1.
Maximum on-state power dissipation as a
function of RMS on-state current; typical
values.
Fig 2.
Maximum permissible non-repetitive peak
on-state current as a function of number of
cycles for sinusoidal currents; typical values.
Fig 3.
Maximum permissible non-repetitive peak
on-state current as a function of surge duration
for sinusoidal currents; typical values.
Fig 4.
Maximum permissible RMS on-state current as
a function of lead temperature and solder point
temperature; typical values.
0
0.4
1.6
0.8
1.2
1.2
0
0.4
0.8
α =
180
°
120
°
90
°
60
°
30
°
Ptot
(W)
IT(RMS) (A)
α
α
003aaa199
10
8
6
4
2
0
1
10
102
103
n
ITSM
(A)
003aaa200
102
10
1
10-1
ITSM
(A)
δIT/δt limit
10-2
10-3
10-4
10-5
ts (s)
003aaa207
SOT223
(Tsp)
SOT54B
(Tlead)
150
50
100
0
Tlead, Tsp (°C)
IT(RMS)
(A)
0
1.2
0.8
0.4
003aaa201


Similar Part No. - Z0103MA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
74Kb / 8P
   1A TRIACS
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MA NXP-Z0103MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 4-18 March 2011
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
More results

Similar Description - Z0103MA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com