Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2004-02-500.0000 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # M2004-02-500.0000
Description  Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2004-02-500.0000 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  M2004-02-500.0000 Datasheet HTML 1Page - Integrated Circuit Systems M2004-02-500.0000 Datasheet HTML 2Page - Integrated Circuit Systems M2004-02-500.0000 Datasheet HTML 3Page - Integrated Circuit Systems M2004-02-500.0000 Datasheet HTML 4Page - Integrated Circuit Systems M2004-02-500.0000 Datasheet HTML 5Page - Integrated Circuit Systems M2004-02-500.0000 Datasheet HTML 6Page - Integrated Circuit Systems M2004-02-500.0000 Datasheet HTML 7Page - Integrated Circuit Systems M2004-02-500.0000 Datasheet HTML 8Page - Integrated Circuit Systems M2004-02-500.0000 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M2004-02
Preliminary Specifications
5
Micro Networks
An Integrated Circuit Systems Company
TABLE 4
PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typical
Max
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
kΩ
R
PULLDOWN
Input Pulldown Resistor
51
kΩ
TABLE 5B
PROGRAMMABLE VCSO FREQUENCY FUNCTION
VCSO Frequency
32
16
8421
(MHz)
M Divide
M5
M4
M3
M2
M1
M0
325
13
001101
350
14
001110
375
15
001111
400
16
0
1
0
0
0
0
••
••••••
••
••••••
600
24
011000
625
25
011001
650
26
011010
NOTE 1: These M divide values and the resulting frequencies correspond to a reference frequency of 25MHz.
TABLE 5A
PARALLEL & SERIAL MODES FUNCTION
Inputs
MR
M
N
Conditions
HX
X
Reset, Forces outputs LOW.
LDataDataData on M and N inputs passed directly to the M divider and N output divider.
Note: L = Low; H = High; X = Don’t care; ↑ = Rising Edge Transition; ↓ = Falling Edge Transition


Similar Part No. - M2004-02-500.0000

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2004-01 ICST-M2004-01 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-01-622.0800 ICST-M2004-01-622.0800 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-01-625.0000 ICST-M2004-01-625.0000 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-01-627.3296 ICST-M2004-01-627.3296 Datasheet
1Mb / 10P
   Frequency Synthesizer
M2004-01-644.5313 ICST-M2004-01-644.5313 Datasheet
1Mb / 10P
   Frequency Synthesizer
More results

Similar Description - M2004-02-500.0000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com