Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3971UGP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3971UGP
Description  3.3V, 10.3Gbps Limiting Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3971UGP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3971UGP Datasheet HTML 1Page - Maxim Integrated Products MAX3971UGP Datasheet HTML 2Page - Maxim Integrated Products MAX3971UGP Datasheet HTML 3Page - Maxim Integrated Products MAX3971UGP Datasheet HTML 4Page - Maxim Integrated Products MAX3971UGP Datasheet HTML 5Page - Maxim Integrated Products MAX3971UGP Datasheet HTML 6Page - Maxim Integrated Products MAX3971UGP Datasheet HTML 7Page - Maxim Integrated Products MAX3971UGP Datasheet HTML 8Page - Maxim Integrated Products MAX3971UGP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Detailed Description and
Applications Information
Figure 1 is a functional diagram of the MAX3971 limit-
ing amplifier.The signal path consists of an input buffer
followed by a gain stage and output amplifier. A feed-
back loop provides offset correction by driving the
average value of the differential output to zero.
Gain Stage and Offset Correction
The limiting amplifier provides approximately 50dB
gain. This large gain makes the amplifier susceptible to
small DC offsets, which cause deterministic
jitter. A low-frequency loop is integrated into the limiting
amplifier to reduce output offset, typically to less than
2mV.
The external capacitor CZ is required to set the low-fre-
quency cutoff for the offset correction loop and for sta-
bility. The time constant of the loop is set by the
product of an equivalent 20k
Ω on-chip resistor and the
value of the off-chip capacitor, CZ. For stable opera-
tion, the minimum value of CZ is 0.01µF. To minimize
pattern-dependent jitter, CZ should be as large as pos-
sible. For 10-Gigabit Ethernet applications, the typical
value of CZ is 0.1µF. Keep CZ as close to the package
as possible.
CML Input Circuit
The input buffer is designed to accept CML input sig-
nals such as the output from the MAX3970 transimped-
ance amplifier. An equivalent circuit for the input is
shown in Figure 2. DC-coupling the inputs is not recom-
mended because doing so prevents the part’s offset
correction circuitry from working properly. Thus, AC-
coupling capacitors are required on the input.
CML Output Circuit
An equivalent circuit for the output network is shown in
Figure 3. It consists of two 50
Ω resistors connected to
VCC driven by the collectors of an output differential
transistor pair (Q1 and Q2). The differential output sig-
nals are clamped by transistors Q3 and Q4 when the
DISABLE input is high.
Disable Function
A logic signal can be applied to the DISABLE pin to
squelch the output signal. When the output is disabled,
an offset is added to the output, preventing the follow-
ing stage from oscillating (if DC-coupled).
+3.3V, 10.3Gbps Limiting Amplifier
_______________________________________________________________________________________
5
MAX3971
CZ-
CZ+
LOWPASS
FILTER
CZ
OFFSET
CORRECTION
AMP
INPUT
AMPLIFIER
GAIN
50dB
OUTPUT
AMPLIFIER
OUT+
OUT-
IN+
GNDIN+
GNDIN-
IN-
DISABLE
Figure 1. Functional Diagram
VCC1
50
50
IN+
GNDIN+
GNDIN-
IN-
ESD
STRUCTURES
Figure 2. CML Input Equivalent Circuit
VCC3
50
50
Q1
Q2
Q3
Q4
OUT+
OUT-
DISABLE
DATA
ESD
STRUCTURES
Figure 3. CML Input Equivalent Circuit Showing Clamping
Circuit for Squelching the Output Signal


Similar Part No. - MAX3971UGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3971A MAXIM-MAX3971A Datasheet
1Mb / 10P
   3.3V, 10.7Gbps Limiting Amplifier
Rev 0; 4/02
MAX3971A MAXIM-MAX3971A Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
MAX3971AU/D MAXIM-MAX3971AU/D Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
MAX3971AUD MAXIM-MAX3971AUD Datasheet
1Mb / 10P
   3.3V, 10.7Gbps Limiting Amplifier
Rev 0; 4/02
MAX3971AUGP MAXIM-MAX3971AUGP Datasheet
61Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. B July 23, 2002
More results

Similar Description - MAX3971UGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3971A MAXIM-MAX3971A Datasheet
1Mb / 10P
   3.3V, 10.7Gbps Limiting Amplifier
Rev 0; 4/02
MAX3971A MAXIM-MAX3971A_V01 Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
logo
Micrel Semiconductor
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88063AL MICREL-SY88063AL Datasheet
397Kb / 11P
   3.3V, 12.5Gbps Limiting Post Amplifier with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com