Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8724ETI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8724ETI
Description  Low-Cost Multichemistry Battery Chargers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8724ETI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8724ETI Datasheet HTML 6Page - Maxim Integrated Products MAX8724ETI Datasheet HTML 7Page - Maxim Integrated Products MAX8724ETI Datasheet HTML 8Page - Maxim Integrated Products MAX8724ETI Datasheet HTML 9Page - Maxim Integrated Products MAX8724ETI Datasheet HTML 10Page - Maxim Integrated Products MAX8724ETI Datasheet HTML 11Page - Maxim Integrated Products MAX8724ETI Datasheet HTML 12Page - Maxim Integrated Products MAX8724ETI Datasheet HTML 13Page - Maxim Integrated Products MAX8724ETI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Low-Cost Multichemistry Battery Chargers
10
______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VREFIN = 3V, VVCTL = VICTL = 0.75 x VREFIN, CELLS = FLOAT, CLS =
REF, VBST - VLX = 4.5V, ACIN = GND = PGND = 0, CLDO = 1µF, LDO = DLOV, CREF = 1µF; CCI, CCS, and CCV are compensated
per Figure 1a; TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIERS
GMV Amplifier Transconductance
GMV
VVCTL = VLDO, VBATT = 16.8V,
CELLS = VREFIN
0.0625
0.250
µA/mV
GMI Amplifier Transconductance
GMI
VICTL = VREFIN, VCSIP - VCSIN = 75mV
0.5
2.0
µA/mV
GMS Amplifier Transconductance
GMS
VCLS = VREF, VCSSP - VCSSN = 75mV
0.5
2.0
µA/mV
CCI, CCS, CCV Clamp Voltage
0.25V < VCCV,CCS,CCI < 2V
150
600
mV
LOGIC LEVELS
CELLS Input Low Voltage
0.4
V
CELLS Input Float Voltage
CELLS = float
(VREFIN
/ 2) -
0.2V
(VREFIN
/ 2) +
0.2V
V
CELLS Input High Voltage
VREFIN
- 0.4V
V
ACOK AND SHDN
ACOK Input Voltage Range
0
28
V
ACOK Sink Current
VACOK = 0.4V, VACIN = 3V
1
mA
SHDN Input Voltage Range
0
LDO
V
SHDN Threshold
VSHDN falling
22
25
% of
VREFIN
Note 1: If both ICTL and VCTL use default mode (connected to LDO), REFIN is not used and can be connected to LDO.
Note 2: Specifications to -40°C are guaranteed by design and not production tested.
LOAD-TRANSIENT RESPONSE
(BATTERY INSERTION AND REMOVAL)
MAX1908 toc01
1ms/div
IBATT
2A/div
VBATT
5V/div
VCCI
500mV/div
VCCV
500mV/div
ICTL = LDO
VCTL = LDO
CCV
CCI
LOAD-TRANSIENT RESPONSE
(STEP IN-LOAD CURRENT)
MAX1908 toc02
1ms/div
VBATT
2V/div
VCCI
500mV/div
VCCS
500mV/div
16.8V
0
0
LOAD
CURRENT
5A/div
ADAPTER
CURRENT
5A/div
ICTL = LDO
CHARGING CURRENT = 3A
VBATT = 16.8V
LOAD STEP = 0 TO 4A
ISOURCE LIMIT = 5A
CCS
CCS
CCI
CCI
VBATT
2V/div
0
0
0
CHARGE
CURRENT
2A/div
LOAD
CURRENT
5A/div
ADAPTER
CURRENT
5A/div
LOAD-TRANSIENT RESPONSE
(STEP IN-LOAD CURRENT)
MAX1908 toc03
1ms/div
ICTL = LDO
CHARGING CURRENT = 3A
VBATT = 16.8V
LOAD STEP = 0 TO 4A
ISOURCE LIMIT = 5A
Typical Operating Characteristics
(Circuit of Figure 1, VDCIN = 20V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8724ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8724ETI MAXIM-MAX8724ETI Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX8724ETI++ MAXIM-MAX8724ETI+ Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
More results

Similar Description - MAX8724ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
   Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
logo
Motorola, Inc
AN1593 MOTOROLA-AN1593 Datasheet
212Kb / 8P
   LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com